Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 60 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 60 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 56Page - Altera Corporation EP1M350 Datasheet HTML 57Page - Altera Corporation EP1M350 Datasheet HTML 58Page - Altera Corporation EP1M350 Datasheet HTML 59Page - Altera Corporation EP1M350 Datasheet HTML 60Page - Altera Corporation EP1M350 Datasheet HTML 61Page - Altera Corporation EP1M350 Datasheet HTML 62Page - Altera Corporation EP1M350 Datasheet HTML 63Page - Altera Corporation EP1M350 Datasheet HTML 64Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
60
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
The Mercury VCCINT pins must always be connected to a 1.8-V power
supply. With a 1.8-V VCCINT level, input pins are 1.8-V, 2.5-V and 3.3-V
tolerant. The VCCIO pins can be connected to either a 1.5-V, 1.8-V, 2.5-V or
3.3-V power supply, depending on the output requirements. When VCCIO
pins are connected to a 1.5-V power supply, the output levels are
compatible with HSTL systems. When VCCIO pins are connected to a
1.8-V power supply, the output levels are compatible with 1.8-V systems.
When VCCIO pins are connected to a 2.5-V power supply, the output
levels are compatible with 2.5-V systems. When the VCCIO pins are
connected to a 3.3-V power supply, the output high is 3.3 V and is
compatible with 3.3-V or 5.0-V systems.
Table 14 summarizes Mercury MultiVolt I/O support.
Notes to Table 14:
(1)
The PCI clamping diode must be disabled to drive an input with voltages higher than VCCIO unless an external
resistor is used.
(2)
These input levels are only available if the input standard is set to any VREF-based input standard (SSTL-2, SSTL-3,
HSTL, GTL+, AGP 2
×). The input buffers are powered from V
CCINT when using VREF-based input standards.
LVTTL, PCI, PCI-X, AGP 1
× input buffers are powered by V
CCIO. Therefore, these standards cannot be driven with
input levels below the VCCIO setting except for when VCCIO = 3.3 V and the input voltage (VI) = 2.5 V.
(3)
When VCCIO = 1.8 V, the Mercury device can drive a 1.5-V device with 1.8-V tolerant inputs.
(4)
When VCCIO = 2.5 V, the Mercury device can drive a 1.8-V device with 2.5-V tolerant inputs.
(5)
When VCCIO = 3.3 V, the Mercury device can drive a 2.5-V device with 3.3-V tolerant inputs.
(6)
Designers can set Mercury devices to be 5.0-V tolerant by adding an external resistor and enabling the PCI clamping
diode.
Power Sequencing & Hot-Socketing
Because Mercury devices can be used in a mixed-voltage environment,
the devices are designed specifically to tolerate any possible power-up
sequence. Therefore, the VCCIO and VCCINT power supplies may be
powered in any order.
Signals can be driven into Mercury devices before and during power-up
without damaging the device. In addition, Mercury devices do not drive
out during power-up. Once operating conditions are reached and the
device is configured, Mercury devices operate as specified by the user.
Table 14. Mercury MultiVolt I/O Support
Note (1)
VCCIO
(V)
Input Signal
Output Signal
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
1.5
vv
vv
v
1.8
v (2)
vv
v
v (3)
2.5
v (2)
v (2)
vv
v (4)
v
3.3
v (2)
v (2)
v (2)
vv (6)
v (5)
vv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com