Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 13 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 13 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 9Page - Altera Corporation EP1M350 Datasheet HTML 10Page - Altera Corporation EP1M350 Datasheet HTML 11Page - Altera Corporation EP1M350 Datasheet HTML 12Page - Altera Corporation EP1M350 Datasheet HTML 13Page - Altera Corporation EP1M350 Datasheet HTML 14Page - Altera Corporation EP1M350 Datasheet HTML 15Page - Altera Corporation EP1M350 Datasheet HTML 16Page - Altera Corporation EP1M350 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
Altera Corporation
13
Mercury Programmable Logic Device Family Data Sheet
13
Notes to Figure 4:
(1)
EP1M350 devices have 18 individual receiver and transmitter channels. EP1M120
devices have 8 individual receiver and transmitter channels. Receiver and
transmitter channel numbers in parenthesis are for EP1M350 devices.
(2)
W = 1 to 12, 14, 16, 18, or 20
J = 3 to 12, 14, 16, 18, or 20
W does not have to equal J.
(3)
For every receiver channel in EP1M350 and EP1M120 devices, the ÷J recovered
clock can drive the priority column interconnect for use as a clock.
(4)
The two center channels adjacent to the HSDI PLLs (channels 4 and 5 for EP1M120
devices, channels 9 and 10 for EP1M350 devices) can drive the Mercury device’s
global clocks.
(5)
HSDI_CLK1
and HSDI_CLK2 pins must be differential. These clock pins drive
HSDI PLLs only. They do not drive to the logic array.
The multiplied reference clock is also used to synchronize and serialize at
the transmitter side.
Up to two different serial data rates are supported for input channels or
output channels. Received data must be non-return-to-zero (NRZ).
Table 7 defines the support for CDR-mode applications. Table 8 shows the
supported data rates for each speed grade.
Notes to Table 7:
(1)
The VCM operating range for AC-coupled applications is from 0 to 0.7 V and from 1.8 to 2.4 V.
(2)
Use AC-coupled LVDS or another I/O standard. The DC-coupled LVDS I/O standard provides performance up to
1.0 Gbps.
f For more information on CDR, see AN 130: CDR in Mercury Devices.
Table 7. CDR-Mode Applications
Data Rate
CDR Mode
DC-Coupled
LVDS
DC-Coupled
LVPECL
DC-Coupled
3.3-V PCML
AC-Coupled
LVDS (1)
AC-Coupled
LVPECL (1)
AC-Coupled
3.3-V PCML
(1)
1.0 to 1.25 Gbps
(2)
vvv
vv
≤ 1.0 Gbps
v
vvv
vv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com