Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 4 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 4 Page - Altera Corporation

  EP1M350 Datasheet HTML 1Page - Altera Corporation EP1M350 Datasheet HTML 2Page - Altera Corporation EP1M350 Datasheet HTML 3Page - Altera Corporation EP1M350 Datasheet HTML 4Page - Altera Corporation EP1M350 Datasheet HTML 5Page - Altera Corporation EP1M350 Datasheet HTML 6Page - Altera Corporation EP1M350 Datasheet HTML 7Page - Altera Corporation EP1M350 Datasheet HTML 8Page - Altera Corporation EP1M350 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
4
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
Mercury devices include other features for performance such as quad-
port RAM, CAM, general purpose PLLs, and dedicated circuitry for
implementing multiplier circuits. Table 4 shows Mercury performance.
Note to Table 4:
(1)
The clock tree supports up to 400 MHz. Although the registered performance for these designs exceed 400 MHz,
they are limited by the clock tree limit.
Configuration
The logic, circuitry, and interconnects in the Mercury architecture are
configured with CMOS SRAM elements. Mercury devices are
reconfigurable and are 100% tested prior to shipment. As a result, test
vectors do not have to be generated for fault coverage purposes. Instead,
the designer can focus on simulation and design verification. In addition,
the designer does not need to manage inventories of different ASIC
designs; Mercury devices can be configured on the board for the specific
functionality required.
Mercury devices are configured at system power-up with data stored in
an Altera® serial configuration device or provided by a system controller.
Altera offers in-system programmability (ISP)-capable configuration
devices, which configure Mercury devices via a serial data stream.
Mercury devices can be configured in under 70 ms. Moreover, Mercury
devices contain an optimized interface that permits microprocessors to
configure Mercury devices serially or in parallel, synchronously or
asynchronously. This interface also enables microprocessors to treat
Mercury devices as memory and to configure the device by writing to a
virtual memory location, simplifying reconfiguration.
Table 4. Mercury Performance
Application
Resources Used
Performance
LEs
ESBs
-5 Speed
Grade
-6 Speed
Grade
-7 Speed
Grade
Units
16-bit loadable counter (1)
16
0
400
400
400
MHz
32-bit loadable counter (1)
32
0
400
400
400
MHz
32-bit accumulator (1)
32
0
400
400
400
MHz
32-to-1 multiplexer
27
0
1.864
2.466
2.723
ns
32
× 64 asynchronous FIFO
103
2
290
258
242
MHz
8-bit, 37-tap FIR filter
251
1
290
240
205
MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com