Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 9 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 5Page - Altera Corporation EP1M350 Datasheet HTML 6Page - Altera Corporation EP1M350 Datasheet HTML 7Page - Altera Corporation EP1M350 Datasheet HTML 8Page - Altera Corporation EP1M350 Datasheet HTML 9Page - Altera Corporation EP1M350 Datasheet HTML 10Page - Altera Corporation EP1M350 Datasheet HTML 11Page - Altera Corporation EP1M350 Datasheet HTML 12Page - Altera Corporation EP1M350 Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
Altera Corporation
9
Mercury Programmable Logic Device Family Data Sheet
13
In source-synchronous mode, source synchronous interfacing is
supported at up to 840 Mbps. Serial channels are transmitted and received
along with a low speed clock. The receiving device then multiplies the
clock by a factor of 1 to 12, 14, 16, 18, or 20. The serialization/
deserialization rate can be any number from 4, 7, 8, 9 to 12, 14, 16, 18, or 20
and does not have to equal the clock multiplication value. For example, an
840-Mbps LVDS channel can be received along with a 84-MHz clock. The
84-MHz clock is multiplied by 10 to drive the serial shift register, but the
register can be clocked out in parallel at 7-, 8-, 9- to 12-, 14-, 16-, 18-, or
20-bits wide at 42 to 120 MHz. See Figures 2 and 3.
Figure 2. Receiver Diagram for Source Synchronous Mode
Notes (1), (2)
Notes to Figure 2:
(1)
EP1M350 devices have 18 individual receiver channels. EP1M120 devices have 8 individual receiver channels.
(2)
W = 1 to 12, 14, 16, 18, or 20
J = 4, 7, 8, 9 to 12, 14, 16, 18, or 20
W does not have to equal J.
(3)
This clock pin drives an HSDI PLL only. It does not drive to the core.
+
—
Receiver
Channel
+
—
Receiver
Channel
+
—
Receiver
Channel
HSDI_CLK2 (3)
HSDI
PLL2
×W
1
J
Deserializer
Data to
LEs
To Global
Clock
Receiver Channel 1
Receiver Channel 8
Receiver Channel 2
J Bits Wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com