Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 10 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 10 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 6Page - Altera Corporation EP1M350 Datasheet HTML 7Page - Altera Corporation EP1M350 Datasheet HTML 8Page - Altera Corporation EP1M350 Datasheet HTML 9Page - Altera Corporation EP1M350 Datasheet HTML 10Page - Altera Corporation EP1M350 Datasheet HTML 11Page - Altera Corporation EP1M350 Datasheet HTML 12Page - Altera Corporation EP1M350 Datasheet HTML 13Page - Altera Corporation EP1M350 Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
10
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
Figure 3. Transmitter Diagram for Source Synchronous Mode
Notes (1), (2)
Notes to Figure 3:
(1)
EP1M350 devices have 18 individual transmitter channels. EP1M120 devices have 8 individual transmitter
channels.
(2)
W = 1 to 12, 14, 16, 18, or 20
B = 1 to 12, 14, 16, 18, or 20
J = 4, 7, 8, 9 to 12, 14, 16, 18, or 20
W, B, and J do not have to be equal.
(3)
This clock pin drives an HSDI PLL only. It does not drive to the logic array.
The Mercury device’s source-synchronous mode also supports the
RapidIO interface protocol at up to 500 Mbps using the LVDS I/O
standard.
f For more information on source synchronous interfacing see
AN 159: Using HSDI in Source-Synchronous Mode in Mercury Devices.
Transmitter
Channel
HSDI_CLK1 (3)
Global Clock
from Receiver
or System Clock
HSDI
PLL1
×W
×
1
J
Serializer
Data from
LEs
Transmitter Channel 1
J Bits Wide
Transmitter
Channel
Transmitter Channel 2
Transmitter
Channel
Transmitter Channel 8
TXOUTCLOCK
W
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com