Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 78 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 78 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 74Page - Altera Corporation EP1M350 Datasheet HTML 75Page - Altera Corporation EP1M350 Datasheet HTML 76Page - Altera Corporation EP1M350 Datasheet HTML 77Page - Altera Corporation EP1M350 Datasheet HTML 78Page - Altera Corporation EP1M350 Datasheet HTML 79Page - Altera Corporation EP1M350 Datasheet HTML 80Page - Altera Corporation EP1M350 Datasheet HTML 81Page - Altera Corporation EP1M350 Datasheet HTML 82Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
78
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
Table 42. Bus Hold Parameters
Parameter
Conditions
VCCIO Level
Units
1.8 V2.5 V3.3 V
Minimum Maximum Minimum Maximum Minimum Maximum
Low sustaining
current
VIN > VIL
(maximum)
30
50
70
µA
High sustaining
current
VIN < VIH
(minimum)
–30
–50
–70
µA
Low overdrive
current
0 V < VIN <
VCCIO
200
300
500
µA
High overdrive
current
0 V < VIN <
VCCIO
–200
–300
–500
µA
Table 43. Mercury Device Capacitance
Note (13)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
CIO
I/O pin capacitance
13.5
pF
CCLK
Input capacitance on CLK[4..1] pins
16.9
pF
CRXHSDI
Input capacitance on HSDI receiver pins
8.0
pF
CTXHSDI
Input capacitance on HSDI transmitter pins
18.0
pF
CCLKHSDI
Input capacitance on HSDI clock pins
7.5
pF
CFLEXLVDSRX
Input capacitance on flexible LVDS receiver
pins
13.4
pF
CFLEXLVDSTX
Input capacitance on flexible LVDS
transmitter pins
13.4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com