Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 1 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 1 Page - Altera Corporation

  EP1M350 Datasheet HTML 1Page - Altera Corporation EP1M350 Datasheet HTML 2Page - Altera Corporation EP1M350 Datasheet HTML 3Page - Altera Corporation EP1M350 Datasheet HTML 4Page - Altera Corporation EP1M350 Datasheet HTML 5Page - Altera Corporation EP1M350 Datasheet HTML 6Page - Altera Corporation EP1M350 Datasheet HTML 7Page - Altera Corporation EP1M350 Datasheet HTML 8Page - Altera Corporation EP1M350 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
®
Altera Corporation
1
Mercury
Programmable Logic
Device Family
January 2003, ver. 2.2
Data Sheet
DS-MERCURY-2.2
13
Features…
■
High-performance programmable logic device (PLD) family (see
Table 1)
–
Integrated high-speed transceivers with support for clock data
recovery (CDR) at up to 1.25 gigabits per second (Gbps)
–
Look-up table (LUT)-based architecture optimized for high
speed
–
Advanced interconnect structure for fast routing of critical paths
–
Enhanced I/O structure for versatile standards and interface
support
–
Up to 14,400 logic elements (LEs)
■
System-level features
–
Up to four general-purpose phase-locked loops (PLLs) with
programmable multiplication and delay shifting
–
Up to 12 PLL output ports
–
Dedicated multiplier circuitry for high-speed implementation of
signed or unsigned multiplication up to 16
× 16
–
Embedded system blocks (ESBs) used to implement memory
functions including quad-port RAM, true dual-port RAM, first-
in first-out (FIFO) buffers, and content-addressable memory
(CAM)
–
Each ESB contains 4,096 bits and can be split and used as two
2,048-bit unidirectional dual-port RAM blocks
Note to Table 1:
(1)
Each ESB can be used for two dual- or single-port RAM blocks.
Table 1. Mercury Device Features
Feature
EP1M120
EP1M350
Typical gates
120,000
350,000
HSDI channels
8
18
LEs
4,800
14,400
ESBs (1)
12
28
Maximum RAM bits
49,152
114,688
Maximum user I/O pins
303
486


Similar Part No. - EP1M350

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1M350 ALTERA-EP1M350 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
More results

Similar Description - EP1M350

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
Programmable Logic Device Family
EPF6016ATI144-3N ALTERA-EPF6016ATI144-3N Datasheet
405Kb / 52P
Programmable Logic Device Family
EPM7064SLC44-10 ALTERA-EPM7064SLC44-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128SLC84-10 ALTERA-EPM7128SLC84-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-10 ALTERA-EPM7128STC100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com