Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 58 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 58 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 54Page - Altera Corporation EP1M350 Datasheet HTML 55Page - Altera Corporation EP1M350 Datasheet HTML 56Page - Altera Corporation EP1M350 Datasheet HTML 57Page - Altera Corporation EP1M350 Datasheet HTML 58Page - Altera Corporation EP1M350 Datasheet HTML 59Page - Altera Corporation EP1M350 Datasheet HTML 60Page - Altera Corporation EP1M350 Datasheet HTML 61Page - Altera Corporation EP1M350 Datasheet HTML 62Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
58
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
For the HSDI I/O band, half of the dedicated banks support LVDS, 3.3-V
PCML or LVPECL, and receiver inputs, while the other half support
LVDS, PCML or LVPECL, and transmitter outputs. A single device can
support 1.5-V, 1.8-V, 2.5-V, and 3.3-V interfaces; each bank can support a
VCCIO standard independently. Each bank can also use a separate VREF
level so that each bank can support any of the terminated standards (such
as SSTL-3) independently. A bank can support a single VREF level. Each
bank contains a fixed VREF pin for voltage referenced standards. This pin
can be used as a regular I/O if a VREF standard is not used. Table 13 shows
the number of I/O banks in each Mercury device.
Each bank can support multiple standards with the same VCCIO for output
pins. For EP1M120 devices, each bank can support one voltage-referenced
I/O standard, but can support multiple I/O standards with the same
VCCIO and VREF voltage levels. For example, when VCCIO is 3.3 V, a bank
can support LVTTL, LVCMOS, 3.3-V PCI, and SSTL-3 for inputs and
outputs. Figure 30 shows the I/O bank layout for an EP1M120 device. For
EP1M350 devices, each bank can support two voltage-reverenced I/O
standards; each I/O bank is split into two voltage-referenced sub-banks.
When using the two HSDI transmitter banks as regular I/O banks in a
non-HSDI mode, those two banks require the same VCCIO level. However,
each HSDI transmitter bank supports its own VREF level.
Table 13. Number of I/O Banks per Device
Device
Regular I/O Banks
HSDI Band I/O Banks
EP1M120
8
4
EP1M350
12
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com