Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 77 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 77 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 73Page - Altera Corporation EP1M350 Datasheet HTML 74Page - Altera Corporation EP1M350 Datasheet HTML 75Page - Altera Corporation EP1M350 Datasheet HTML 76Page - Altera Corporation EP1M350 Datasheet HTML 77Page - Altera Corporation EP1M350 Datasheet HTML 78Page - Altera Corporation EP1M350 Datasheet HTML 79Page - Altera Corporation EP1M350 Datasheet HTML 80Page - Altera Corporation EP1M350 Datasheet HTML 81Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 86 page
background image
Altera Corporation
77
Mercury Programmable Logic Device Family Data Sheet
13
Table 39. 1.5-V HSTL Class I Specifications
Note (10)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VCCIO
I/O supply voltage
1.4
1.5
1.6
V
VREF
Input reference voltage
0.68
0.75
0.9
V
VTT
Termination voltage
0.7
0.75
0.8
V
VIH (DC)
DC high-level input voltage
VREF + 0.1
V
VIL (DC)
DC low-level input voltage
–0.3
VREF – 0.1
V
VIH (AC)
AC high-level input voltage
VREF + 0.2
V
VIL (AC)
AC low-level input voltage
VREF – 0.2
V
VOH
High-level output voltage
IOH = 8 mA
VCCIO – 0.4
V
VOL
Low-level output voltage
IOH = –8 mA
0.4
V
Table 40. 1.5-V HSTL Class II Specifications
Note (10)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VCCIO
I/O supply voltage
1.4
1.5
1.6
V
VREF
Input reference voltage
0.68
0.75
0.9
V
VTT
Termination voltage
0.7
0.75
0.8
V
VIH (DC)
DC high-level input voltage
VREF + 0.1
V
VIL (DC)
DC low-level input voltage
–0.3
VREF – 0.1
V
VIH (AC)
AC high-level input voltage
VREF + 0.2
V
VIL (AC)
AC low-level input voltage
VREF – 0.2
V
VOH
High-level output voltage
IOH = 16 mA
VCCIO – 0.4
V
VOL
Low-level output voltage
IOH = –16 mA
0.4
V
Table 41. CTT I/O Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VCCIO
I/O supply voltage
3.0
3.3
3.6
V
VTT/VREF
Termination and input
reference voltage
1.35
1.5
1.65
V
VIH
High-level input voltage
VREF + 0.2
V
VIL
Low-level input voltage
VREF – 0.2
V
II
Input pin leakage current
0 < VIN < VCCIO
±10
µA
VOH
High-level output voltage
IOH = –8 mA
VREF + 0.4
V
VOL
Low-level output voltage
IOL = 8 mA
VREF – 0.4
V
IO
Output leakage current
(when output is high Z)
GND ð VOUT ð
VCCIO
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com