Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 69 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 69 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 65Page - Altera Corporation EP1M350 Datasheet HTML 66Page - Altera Corporation EP1M350 Datasheet HTML 67Page - Altera Corporation EP1M350 Datasheet HTML 68Page - Altera Corporation EP1M350 Datasheet HTML 69Page - Altera Corporation EP1M350 Datasheet HTML 70Page - Altera Corporation EP1M350 Datasheet HTML 71Page - Altera Corporation EP1M350 Datasheet HTML 72Page - Altera Corporation EP1M350 Datasheet HTML 73Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
Altera Corporation
69
Mercury Programmable Logic Device Family Data Sheet
13
Table 21. Mercury Device Recommended Operating Conditions
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCINT
Supply voltage for internal logic
and input buffers
(3)
1.71
1.89
V
VCCIO
Supply voltage for output buffers,
3.3-V operation
(3), (4)
3.00 (3.135)
3.60 (3.465)
V
Supply voltage for output buffers,
2.5-V operation
(3)
2.375
2.625
V
Supply voltage for output buffers,
1.8-V operation
(3)
1.71
1.89
V
Supply voltage for output buffers,
1.5-V operation
(3)
1.4
1.6
V
VI
Input voltage
(2), (5)
–0.5
4.1
V
VO
Output voltage
0
VCCIO
V
TJ
Operating temperature
For commercial
use
085
° C
For industrial use
–40
100
° C
tR
Input rise time
40
ns
tF
Input fall time
40
ns
Table 22. Mercury Device DC Operating Conditions
Note (6), (7)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
II
Input pin leakage
current
VI = VCCIOmax to 0 V (5)
–10
10
µA
IOZ
Tri-stated I/O pin
leakage current
VO = VCCIOmax to 0 V (5)
–10
10
µA
ICC0
VCC supply current
(standby) for
EP1M120 devices
For commercial use (8)
30
mA
For Industrial use (8)
40
mA
VCC supply current
(standby) for
EP1M350 devices
For commercial use (8)
50
mA
For Industrial use (8)
60
mA
RCONF
Value of I/O pin pull-
up resistor before
and during
configuration
VCCIO = 3.0 V (9)
20
50
k
Ω
VCCIO = 2.375 V (9)
30
80
k
Ω
VCCIO = 1.71 V (9)
60
150
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com