Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 37 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 37 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 33Page - Altera Corporation EP1M350 Datasheet HTML 34Page - Altera Corporation EP1M350 Datasheet HTML 35Page - Altera Corporation EP1M350 Datasheet HTML 36Page - Altera Corporation EP1M350 Datasheet HTML 37Page - Altera Corporation EP1M350 Datasheet HTML 38Page - Altera Corporation EP1M350 Datasheet HTML 39Page - Altera Corporation EP1M350 Datasheet HTML 40Page - Altera Corporation EP1M350 Datasheet HTML 41Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
Altera Corporation
37
Mercury Programmable Logic Device Family Data Sheet
13
ESBs can implement synchronous RAM, which is easier to use than
asynchronous RAM. A circuit using asynchronous RAM must generate
the RAM write enable (WE) signal while ensuring that its data and address
signals meet setup and hold time specifications relative to the WE signal.
In contrast, the ESB’s synchronous RAM generates its own WE signal and
is self-timed with respect to the global clock. Circuits using the ESB’s self-
timed RAM must only meet the setup and hold time specifications relative
to the global clock.
ESBs are grouped together in rows at the top and bottom of the device for
fast horizontal communication. The ESB row interconnect can be driven
by any ESB in the row. The row interconnect drives the ESB local
interconnect, which in turn drives the ESB ports. ESB outputs drive the
ESB local interconnect, which can drive row interconnect as well as all
types of column interconnect, including leap lines. The leap lines allow
fast access between ESBs and the adjacent LAB row.
When implementing memory, each ESB can be configured in any of the
following sizes for quad port and true dual-port memory modes: 256
× 16;
512
× 8; 1,024 × 4; 2,048 × 2; or 4,096 × 1. For dual-port and single-port
modes, the ESB can be configured for 128
× 32 in addition to the list above.
For variable port width RAMs, any port width ratio combination must be
1, 2, 4, 8, or 16. For example, a RAM with data ports of width 1 and 16 or
2 and 32 will work, but not 1 and 32.
The ESB can also be split in half and used for two independent 2,048-bit
single-port or dual-port RAM blocks. For example, one half of the ESB can
be used as a 128
× 16 memory single-port memory while the other half can
be used for a 1,024
× 2 dual-port memory. This effectively doubles the
number of RAMs a Mercury device can implement for its given number
of ESBs. The Quartus II software automatically merges two logical
memory functions in a design into an ESB; the designer does not need to
merge the functions manually.
By combining multiple ESBs, the Quartus II software implements larger
memory blocks automatically. For example, two 256
× 16 RAM blocks can
be combined to form a 256
× 32 RAM block, and two 512 × 8 RAM blocks
can be combined to form a 512
× 16 RAM block. Memory performance
does not degrade for memory blocks up to 4,096 words deep. Each ESB
can implement a 4,096-word-deep memory; the ESBs are used in parallel,
eliminating the need for any external control logic and its associated
delays. To create a high-speed memory block more than 4,096 words
deep, the Quartus II software will automatically combine ESBs with LE
control logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com