Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 54 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 54 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 50Page - Altera Corporation EP1M350 Datasheet HTML 51Page - Altera Corporation EP1M350 Datasheet HTML 52Page - Altera Corporation EP1M350 Datasheet HTML 53Page - Altera Corporation EP1M350 Datasheet HTML 54Page - Altera Corporation EP1M350 Datasheet HTML 55Page - Altera Corporation EP1M350 Datasheet HTML 56Page - Altera Corporation EP1M350 Datasheet HTML 57Page - Altera Corporation EP1M350 Datasheet HTML 58Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
54
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
Bus Hold
Each Mercury device I/O pin provides an optional bus-hold feature.
When this feature is enabled for an I/O pin, the bus-hold circuitry weakly
holds the signal at its last driven state. By holding the last driven state of
the pin until the next input signal is present, the bus-hold feature
eliminates the need to add external pull-up or pull-down resistors to hold
a signal level when the bus is tri-stated. The bus-hold circuitry also pulls
undriven pins away from the input threshold voltage where noise can
cause unintended high-frequency switching. This feature can be selected
individually for each I/O pin. The bus-hold output will drive no higher
than VCCIO to prevent overdriving signals. If the bus-hold feature is
enabled, the programmable pull-up option cannot be used. The bus-hold
feature should also be disabled if open-drain outputs are used with the
GTL+ I/O standard.
The bus-hold circuitry weakly pulls the signal level to the last driven state
through a resistor with a nominal resistance (RBH) of approximately 8 kΩ.
Table 42 gives specific sustaining current that will be driven through this
resistor and overdrive current that will identify the next driven input
level. This information is provided for each VCCIO voltage level.
The bus-hold circuitry is active only after configuration. When going into
user mode, the bus-hold circuit captures the value on the pin present at
the end of configuration.
Programmable Pull-Up Resistor
Each Mercury device I/O pin provides an optional programmable pull-
up resistor during user mode. When this feature is enabled for an I/O pin,
the pull-up resistor (50 k
Ω) weakly holds the output to the V
CCIO level of
the bank that the output pin resides in.
I/O Row Bands
The I/O row bands are one of the advanced features of the Mercury
architecture. All IOEs are grouped in I/O row bands across the device.
The number of I/O row bands depends on the Mercury device size. The
I/O row bands are designed for flip-chip technology, allowing I/O pins
to be distributed across the entire chip, not only in the periphery. This
array driver technology allows higher I/O pin density (I/O pins per
device area) than peripheral I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com