Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 63 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 63 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 59Page - Altera Corporation EP1M350 Datasheet HTML 60Page - Altera Corporation EP1M350 Datasheet HTML 61Page - Altera Corporation EP1M350 Datasheet HTML 62Page - Altera Corporation EP1M350 Datasheet HTML 63Page - Altera Corporation EP1M350 Datasheet HTML 64Page - Altera Corporation EP1M350 Datasheet HTML 65Page - Altera Corporation EP1M350 Datasheet HTML 66Page - Altera Corporation EP1M350 Datasheet HTML 67Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
Altera Corporation
63
Mercury Programmable Logic Device Family Data Sheet
13
■
Normal Mode: The external clock output pin will have phase delay
relative to the clock input pin. If an internal clock is used in this mode,
the IOE register clock will be phase aligned to the input clock pin.
Multiplication is allowed with the normal mode.
Advanced ClockShift Circuitry
General purpose PLLs in Mercury devices have advanced ClockShiftTM
circuitry that provides programmable phase shift and fine tune time delay
shift. For phase shifting, users can enter a phase shift (in degrees or time
units) that affects all PLL outputs. Phase shifts of 90, 180, and 270 can be
implemented exactly. Other values of phase shifting, or delay shifting in
time units, are allowed with a resolution range of 0.3 ns to 1.0 ns. This
resolution varies with frequency input and the user-entered
multiplication and division factors. The phase shift ability is only possible
on a multiplied or divided clock if the input and output frequency have
an integer multiple relationship (i.e., fIN/fOUT or fOUT/fIN must be an
integer).
In addition to the phase shift feature that affects all outputs, there is an
advanced fine time delay shift control on each of the four PLL outputs.
Each PLL output can be shifted in 250-ps increments for a range of –2.0 ns
to +2.0 ns. This ability can be used in conjunction with the phase shifting
ability that affects all outputs. fIN/fOUT does not need to have an integer
relationship for the advanced fine time delay shift control.
Clock Enable Signal
Mercury PLLs have a CLKLK_ENA pin for enabling/disabling all of the
device PLLs. When the CLKLK_ENA pin is high, the PLL drives a clock to
all its output ports. When the CLKLK_ENA pin is low, the clock0,
clock1
, clock2 and extclock ports are driven by GND and all of the
PLLs go out of lock. When the CLKLK_ENA pin goes high again, the PLL
must relock.
The individual enable port for each general purpose PLL is
programmable. If more than one general-purpose PLL is instantiated,
each one does not have to use the clock enable. To enable/disable the
device PLLs with the CLKLK_ENA pin, the inclocken port on the
altclklock
instance must be connected to the CLKLK_ENA input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com