Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 19 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 19 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 15Page - Altera Corporation EP1M350 Datasheet HTML 16Page - Altera Corporation EP1M350 Datasheet HTML 17Page - Altera Corporation EP1M350 Datasheet HTML 18Page - Altera Corporation EP1M350 Datasheet HTML 19Page - Altera Corporation EP1M350 Datasheet HTML 20Page - Altera Corporation EP1M350 Datasheet HTML 21Page - Altera Corporation EP1M350 Datasheet HTML 22Page - Altera Corporation EP1M350 Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
Altera Corporation
19
Mercury Programmable Logic Device Family Data Sheet
13
Each LE has two outputs that drive the local, row, and column routing
resources. Each output can be driven independently by the LUT’s or
register’s output. For example, the LUT can drive one output, while the
register drives the other output. This feature, called register packing,
improves device utilization because the register and the LUT can be used
for unrelated functions. The LE can also drive out registered and
unregistered versions of the LUT output.
LE Operating Modes
The Mercury LE can operate in one of the following modes:
■
Normal
■
Arithmetic
■
Multiplier
Each operating mode uses LE resources differently. In each operating
mode, eight available inputs to the LE—the four data inputs from the LAB
local interconnect; carry-in0, carry-in1 from the previous LE; the
LAB carry-in from the previous carry-chain generation; and the FastLUT
Connection input from the previous LE—are directed to different
destinations to implement the desired logic function. LAB-wide signals
provide clock, asynchronous clear, asynchronous preset, asynchronous
load, synchronous clear, synchronous load, and clock enable control for
the register. These LAB-wide signals are available in all normal and
arithmetic LE modes.
The Quartus II software, in conjunction with parameterized functions
such as LPM and DesignWare functions, automatically chooses the
appropriate mode for common functions, such as counters, adders, and
multipliers. If required, the designer can also create special-purpose
functions that specify which LE operating mode to use for optimal
performance.
Normal Mode
The normal mode is suitable for general logic applications and
combinatorial functions. In normal mode, four data inputs from the LAB
local interconnect and a single carry-in are inputs to a four-input LUT. The
Quartus II Compiler automatically selects the carry-in or the data3 signal
as one of the inputs to the LUT. The LUT (combinatorial) output can be
driven to the FastLUT connection to the next LE in the LAB. LEs in normal
mode support packed registers. Figure 8 shows an LE in normal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com