Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 56 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 56 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 52Page - Altera Corporation EP1M350 Datasheet HTML 53Page - Altera Corporation EP1M350 Datasheet HTML 54Page - Altera Corporation EP1M350 Datasheet HTML 55Page - Altera Corporation EP1M350 Datasheet HTML 56Page - Altera Corporation EP1M350 Datasheet HTML 57Page - Altera Corporation EP1M350 Datasheet HTML 58Page - Altera Corporation EP1M350 Datasheet HTML 59Page - Altera Corporation EP1M350 Datasheet HTML 60Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
56
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
Dedicated Fast Lines & I/O Pins
Mercury devices incorporate dedicated bidirectional pins for signals with
high internal fanout, such as PCI control signals. These pins are called
dedicated fast I/O pins (FAST1, FAST2, FAST3, FAST4, FAST5, and
FAST6
) and can drive the six global fast lines throughout the device, ideal
for fast clock, clock enable, clear, preset, or high fanout logic signal
distribution. The dedicated fast I/O pins have the same IOE as a regular
I/O pin. The dedicated fast lines can also be driven by a LE local
interconnect to generate internal global signals.
In addition to the device global fast lines, each LAB row has two dedicated
fast lines local to the row. This is ideal for high fanout control signals for
a section of a design that may fit into a single LAB row. Each I/O band
(with the exception of the top I/O band) has two dedicated row-global
fast I/O pins to drive the row-global fast resources for the associated LAB.
The dedicated local fast I/O pins have the same IOE as a regular I/O pin.
The LE local interconnect can drive dedicated row-global fast lines to
generate internal global signals specific to a row. There are no pin
connections for buried LAB rows; LE local interconnects drive the row-
global signals in those rows.
I/O Standard Support
Mercury device IOEs support the following I/O standards:
■
LVTTL
■
LVCMOS
■
1.8-V
■
2.5-V
■
3.3-V PCI
■
3.3-V PCI-X
■
3.3-V AGP (1
×, 2×)
■
LVDS
■
LVPECL
■
3.3-V PCML
■
GTL+
■
HSTL class I and II
■
SSTL-3 class I and II
■
SSTL-2 class I and II
■
CTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com