Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 80 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 80 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 76Page - Altera Corporation EP1M350 Datasheet HTML 77Page - Altera Corporation EP1M350 Datasheet HTML 78Page - Altera Corporation EP1M350 Datasheet HTML 79Page - Altera Corporation EP1M350 Datasheet HTML 80Page - Altera Corporation EP1M350 Datasheet HTML 81Page - Altera Corporation EP1M350 Datasheet HTML 82Page - Altera Corporation EP1M350 Datasheet HTML 83Page - Altera Corporation EP1M350 Datasheet HTML 84Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 86 page
background image
80
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
Tables 44 and 45 describe the Mercury device’s external timing
parameters.
Notes to Tables 44 and 45:
(1)
These timing parameters are sample-tested only.
(2)
All timing parameters are either to and/or from pins, including global clock pins.
Table 44. Mercury External Timing Parameters
Notes (1), (2)
Symbol
Parameter
Conditions
tINSU
Setup time with global clock at IOE register
tINH
Hold time with global clock at IOE register
tOUTCO
Clock-to-output delay with global clock at IOE register
C1 = 35 pF
tINSUPLL
Setup time with PLL clock at IOE input register
tINHPLL
Hold time with PLL clock at IOE input register
tOUTCOPLL
Clock-to-output delay with PLL clock at IOE output register
C1 = 35 pF
Table 45. Mercury External Bidirectional Timing Parameters
Notes (1), (2)
Symbol
Parameter
Conditions
tINSUBIDIR
Setup time for bidirectional pins with gobal clock at IOE input register
tINHBIDIR
Hold time for bidirectional pins with global clock at IOE input register
tOUTCOBIDIR
Clock-to-output delay for bidirectional pins with global clock at IOE
output register
C1 = 35 pF
tXZBIDIR
Synchronous IOE output enable register to output buffer disable delay C1 = 35 pF
tZXBIDIR
Synchronous IOE output enable register output buffer enable delay
C1 = 35 pF
tINSUBIDIRPLL
Setup time for bidirectional pins with PLL clock at IOE input register
tINHBIDIRPLL
Hold time for bidirectional pins with PLL clock at IOE input register
tOUTCOBIDIRPLL
Clock-to-output delay for bidirectional pins with PLL clock at IOE output
register
C1 = 35 pF
tXZBIDIRPLL
Synchronous IOE output enable register to output buffer disable delay
with PLL
C1 = 35 pF
tZXBIDIRPLL
Synchronous IOE output enable register output buffer enable delay
with PLL
C1 = 35 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com