Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 82 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 82 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 78Page - Altera Corporation EP1M350 Datasheet HTML 79Page - Altera Corporation EP1M350 Datasheet HTML 80Page - Altera Corporation EP1M350 Datasheet HTML 81Page - Altera Corporation EP1M350 Datasheet HTML 82Page - Altera Corporation EP1M350 Datasheet HTML 83Page - Altera Corporation EP1M350 Datasheet HTML 84Page - Altera Corporation EP1M350 Datasheet HTML 85Page - Altera Corporation EP1M350 Datasheet HTML 86Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
82
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
Table 48. EP1M120 External Timing Parameters
Note (1)
Symbol
-7A Speed Grade
-8A Speed Grade
Unit
Min
Max
Min
Max
tINSU
0.74
0.79
ns
tINH
0.00
0.00
ns
tOUTCO
2.00
3.50
2.00
4.10
ns
tINSUPLL
0.62
0.75
ns
tINHPLL
0.00
0.00
ns
tOUTCOPLL
0.50
2.15
0.50
2.43
ns
Table 49. EP1M120 External Bidirectional Timing Parameters
Note (1)
Symbol
-7A Speed Grade
-8A Speed Grade
Unit
Min
Max
Min
Max
tINSUBIDIR
0.74
0.79
ns
tINHBIDIR
0.00
0.00
ns
tOUTCOBIDIR
2.00
3.50
2.00
4.10
ns
tXZBIDIR
3.75
4.30
ns
tZXBIDIR (2)
3.75
4.30
ns
tZXBIDIR (3)
4.00
4.58
ns
tINSUBIDIRPLL
0.62
0.75
ns
tINHBIDIRPLL
0.00
0.00
ns
tOUTCOBIDIRPLL
0.50
2.15
0.50
2.43
ns
tXZBIDIRPLL
2.39
2.67
ns
tZXBIDIRPLL (2)
2.39
2.67
ns
tZXBIDIRPLL (3)
2.64
2.95
ns
Table 50. EP1M350 External Timing Parameters
Note (1)
Symbol
-5 Speed Grade
-6 Speed Grade
-7 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSU
0.60
0.57
0.71
ns
tINH
0.00
0.00
0.00
ns
tOUTCO
2.00
3.95
2.00
3.97
2.00
4.75
ns
tINSUPLL
0.69
0.70
0.82
ns
tINHPLL
0.00
0.00
0.00
ns
tOUTCOPLL
0.50
2.23
0.50
2.23
0.50
2.69
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com