Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 45 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 45 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 41Page - Altera Corporation EP1M350 Datasheet HTML 42Page - Altera Corporation EP1M350 Datasheet HTML 43Page - Altera Corporation EP1M350 Datasheet HTML 44Page - Altera Corporation EP1M350 Datasheet HTML 45Page - Altera Corporation EP1M350 Datasheet HTML 46Page - Altera Corporation EP1M350 Datasheet HTML 47Page - Altera Corporation EP1M350 Datasheet HTML 48Page - Altera Corporation EP1M350 Datasheet HTML 49Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
Altera Corporation
45
Mercury Programmable Logic Device Family Data Sheet
13
If the same data is written into multiple locations in the memory, a CAM
block can be used in multiple-match or fast multiple-match modes. The
ESB outputs the matched data’s locations as an encoded or unencoded
address. In multiple-match mode, it takes two clock cycles to write into a
CAM block. For reading, there are 16 outputs from each ESB at each clock
cycle. Therefore, it takes two clock cycles to represent the 32 words from
a single ESB port. In this mode, encoded and unencoded outputs are
available. To implement the encoded version, the Quartus II software
adds a priority encoder with LEs. Fast multiple-match is identical to the
multiple-match mode, however, it only takes one clock cycle to read from
a CAM block and generate valid outputs. To do this, the entire ESB is used
to represent 16 outputs. In fast multiple-match mode, the ESB can
implement a maximum CAM block size of 16 words.
A CAM block can be pre-loaded with data during configuration, or it can
be written during system operation. In most cases, two clock cycles are
required to write each word into CAM. When don’t-care bits are used, a
third clock cycle is required.
f For more information on CAM, see Application Note 119 (Implementing
High-Speed Search Applications with APEX CAM).
Driving into ESBs
ESBs provide flexible options for driving control signals. Different clocks
can be used for the ESB inputs and outputs. Registers can be inserted
independently on the data input, data output, read address, write
address, WREN, and RDEN signals on each port of the ESB. The fast global
signals and ESB local interconnect can drive the WREN and RDEN signals.
The fast global signals, dedicated clock pins, and ESB local interconnect
can drive the ESB clock signals. The ESB local interconnect is driven by the
ESB row interconnects which, in turn, are driven by all types of column
interconnects, including high-speed leap lines. Because the LEs drive the
column interconnect to the ESB local interconnect, the LEs can control the
WREN
and RDEN signals and the ESB clock, clock enable, and asynchronous
clear signals. Figure 25 shows the ESB control signal generation logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com