Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 8 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 8 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 4Page - Altera Corporation EP1M350 Datasheet HTML 5Page - Altera Corporation EP1M350 Datasheet HTML 6Page - Altera Corporation EP1M350 Datasheet HTML 7Page - Altera Corporation EP1M350 Datasheet HTML 8Page - Altera Corporation EP1M350 Datasheet HTML 9Page - Altera Corporation EP1M350 Datasheet HTML 10Page - Altera Corporation EP1M350 Datasheet HTML 11Page - Altera Corporation EP1M350 Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
8
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
Mercury devices provide four dedicated clock input pins and six
dedicated fast I/O pins that globally drive register control inputs,
including clocks. These signals ensure efficient distribution of high-speed,
low-skew control signals. The control signals use dedicated routing
channels to provide short delays and low skew. The dedicated fast signals
can also be driven by internal logic, providing an ideal solution for a clock
divider or internally generated asynchronous control signal with high
fan-out. The dedicated clock and fast I/O pins on Mercury devices can
also feed logic. Dedicated clocks can also be used with the Mercury
general purpose PLLs for clock management.
Each I/O row band also provides two additional I/O pins that can drive
two row-global signals. Row-global signals can drive register control
inputs for the LAB row associated with that particular I/O row band.
High-Speed
Differential
Interface
The top I/O or HSDI band in Mercury devices contains dedicated
circuitry for supporting differential standards at speeds up to 1.25 Gbps.
Mercury devices have dedicated differential buffers and circuitry to
support LVDS, LVPECL, and 3.3-V PCML I/O standards. Two dedicated
high-speed PLLs (separate from the general purpose PLLs) multiply
reference clocks and drive high-speed differential serializer/deserializer
channels. In addition, clock recovery units (CRUs) at each receiver
channel enable CDR. EP1M120 devices support eight input channels,
eight output channels, and two dedicated clock inputs for feeding the
receiver and/or transmitter PLLs. EP1M350 devices support 18 input
channels, 18 output channels, and two dedicated clock inputs.
Mercury devices have optional built-in 100-
Ω termination resistors on
HSDI differential receiver data pins and the HSDI_CLK1 and HSDI_CLK2
pins.
Designers can use the HSDI circuitry for the following applications:
■
Gigabit Ethernet backplanes
■
ATM, SONET
■
RapidIO
■
POS-PHY Level 4
■
Fibre Channel
■
SDTV
The HSDI band supports one of two possible modes:
■
Source-synchronous mode
■
Clock data recovery (CDR) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com