Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 84 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 84 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 78Page - Altera Corporation EP1M350 Datasheet HTML 79Page - Altera Corporation EP1M350 Datasheet HTML 80Page - Altera Corporation EP1M350 Datasheet HTML 81Page - Altera Corporation EP1M350 Datasheet HTML 82Page - Altera Corporation EP1M350 Datasheet HTML 83Page - Altera Corporation EP1M350 Datasheet HTML 84Page - Altera Corporation EP1M350 Datasheet HTML 85Page - Altera Corporation EP1M350 Datasheet HTML 86Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 84 / 86 page
background image
84
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
Before and during device configuration, all I/O pins are pulled to VCCIO
by a built-in weak pull-up resistor.
SRAM configuration elements allow Mercury devices to be reconfigured
in-circuit by loading new configuration data into the device. Real-time
reconfiguration is performed by forcing the device into command mode
with a device pin, loading different configuration data, reinitializing the
device, and resuming user-mode operation. In-field upgrades can be
performed by distributing new configuration files.
Configuration Schemes
The configuration data for a Mercury device can be loaded with one of five
configuration schemes (see Table 52), chosen on the basis of the target
application. A configuration device, intelligent controller, or the JTAG
port can be used to control the configuration of a Mercury device. When a
configuration device is used, the system can configure automatically at
system power-up.
By connecting the configuration enable (nCE) and configuration enable
output (nCEO) pins on each device, multiple Mercury devices can be
configured in any of five configuration schemes.
f For more information on configuration, see Application Note 116
(Configuring APEX 20K, FLEX 10K & FLEX 6000 Devices).
Device Pin-
Outs
See the Altera web site (http://www.altera.com) or the Altera Digital
Library
for pin-out information.
Table 52. Data Sources for Configuration
Configuration Scheme
Data Source
Configuration device
Configuration device
Passive serial (PS)
MasterBlasterTM or ByteBlasterMVTM download cable
or serial data source
Passive parallel asynchronous (PPA)
Parallel data source
Passive parallel synchronous (PPS)
Parallel data source
JTAG
MasterBlaster or ByteBlasterMV download cable or a
microprocessor with a Jam STAPL or JBC file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com