Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 76 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 76 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 72Page - Altera Corporation EP1M350 Datasheet HTML 73Page - Altera Corporation EP1M350 Datasheet HTML 74Page - Altera Corporation EP1M350 Datasheet HTML 75Page - Altera Corporation EP1M350 Datasheet HTML 76Page - Altera Corporation EP1M350 Datasheet HTML 77Page - Altera Corporation EP1M350 Datasheet HTML 78Page - Altera Corporation EP1M350 Datasheet HTML 79Page - Altera Corporation EP1M350 Datasheet HTML 80Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
76
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
Table 36. SSTL-3 Class II Specifications
Note (10)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VCCIO
I/O supply voltage
3.0
3.3
3.6
V
VTT
Termination voltage
VREF – 0.05
VREF
VREF + 0.05
V
VREF
Reference voltage
1.3
1.5
1.7
V
VIH
High-level input voltage
VREF + 0.2
VCCIO + 0.3
V
VIL
Low-level input voltage
–0.3
VREF – 0.2
V
VOH
High-level output voltage
IOH = –16 mA
VTT + 0.8
V
VOL
Low-level output voltage
IOL = 16 mA
VTT – 0.8
V
Table 37. 3.3-V AGP -2X Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VCCIO
I/O supply voltage
3.15
3.3
3.45
V
VREF
Reference voltage
0.39
× V
CCIO
0.41
× V
CCIO
V
VIH
High-level input voltage
(12)
0.5
× V
CCIO
VCCIO + 0.5
V
VIL
Low-level input voltage
(12)
0.3
× V
CCIO
V
VOH
High-level output voltage
IOUT = –20 µA0.9 × VCCIO
3.6
V
VOL
Low-level output voltage
IOUT = 20 µA0.1 × VCCIO
V
II
Input pin leakage current
0 < VIN < VCCIO
±10
µA
Table 38. 3.3-V AGP -1X Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VCCIO
I/O supply voltage
3.15
3.3
3.45
V
VIH
High-level input voltage
(12)
0.5
× V
CCIO
VCCIO + 0.5
V
VIL
Low-level input voltage
(12)
0.3
× V
CCIO
V
VOH
High-level output voltage
IOUT = –20 µA0.9 × VCCIO
3.6
V
VOL
Low-level output voltage
IOUT = 20 µA0.1 × VCCIO
V
II
Input pin leakage current
0 < VIN < VCCIO
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com