Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 43 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 43 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 39Page - Altera Corporation EP1M350 Datasheet HTML 40Page - Altera Corporation EP1M350 Datasheet HTML 41Page - Altera Corporation EP1M350 Datasheet HTML 42Page - Altera Corporation EP1M350 Datasheet HTML 43Page - Altera Corporation EP1M350 Datasheet HTML 44Page - Altera Corporation EP1M350 Datasheet HTML 45Page - Altera Corporation EP1M350 Datasheet HTML 46Page - Altera Corporation EP1M350 Datasheet HTML 47Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
Altera Corporation
43
Mercury Programmable Logic Device Family Data Sheet
13
CAM is used for high-speed search operations. When searching for data
within a RAM block, the search is performed serially. Thus, finding a
particular data word can take many cycles. CAM searches all addresses in
parallel and outputs the address storing a particular word. When a match
is found, a match flag is set high. CAM is ideally suited for applications
such as Ethernet address lookup, data compression, pattern recognition,
cache tags, fast routing table lookup, and high-bandwidth address
filtering. Figure 22 shows the CAM block diagram.
Figure 22. CAM Block Diagram
The Mercury on-chip CAM provides faster system performance than
traditional discrete CAM. Integrating CAM and logic into the Mercury
device eliminates off-chip and on-chip delays, improving system
performance.
When in CAM mode, the ESB implements a 32-word, 32-bit CAM. Wider
or deeper CAM, such as a 32-word, 64-bit or 128-word, 32-bit block, can
be implemented by combining multiple CAM blocks with some ancillary
logic implemented in LEs. The Quartus II software automatically
combines ESBs and LEs to create larger CAM blocks.
CAM supports writing “don’t care” bits into words of the memory. The
don’t-care bit can be used as a mask for CAM comparisons; any bit set to
don’t-care has no effect on matches.
CAM can generate outputs in three different modes: single-match mode,
multiple-match mode, and fast multiple-match mode. In each mode, the
ESB outputs the matched data’s location as an encoded or unencoded
address. When encoded, the ESB outputs an encoded address of the data’s
location. For instance, if the data is located in address 12, the ESB output
is 12. When unencoded, each ESB port uses its 16 outputs to show the
location of the data over two clock cycles. In this case, if the data is located
in address 12, the 12th output line goes high. Figures 22 and 23 show the
encoded CAM outputs and unencoded CAM outputs, respectively.
data[]
wraddress[]
wren
inclock
inclocken
inaclr
data_address[]
match
outclock
outclocken
outaclr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com