Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 17 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 17 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 13Page - Altera Corporation EP1M350 Datasheet HTML 14Page - Altera Corporation EP1M350 Datasheet HTML 15Page - Altera Corporation EP1M350 Datasheet HTML 16Page - Altera Corporation EP1M350 Datasheet HTML 17Page - Altera Corporation EP1M350 Datasheet HTML 18Page - Altera Corporation EP1M350 Datasheet HTML 19Page - Altera Corporation EP1M350 Datasheet HTML 20Page - Altera Corporation EP1M350 Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
Altera Corporation
17
Mercury Programmable Logic Device Family Data Sheet
13
Figure 6. LAB-Wide Control Signals
Logic Element
The LE, the smallest unit of logic in the Mercury architecture, is compact
and provides efficient logic usage. Each LE contains a four-input LUT,
which is a function generator that can quickly implement any function of
four variables. In addition, each LE contains a programmable register and
carry chain with carry select look ahead capability. Each LE drives all
interconnect types: local interconnect, row and priority row interconnect,
column and priority column interconnect, leap lines, and RapidLAB
interconnect. Each LE also has the ability to drive its combinatorial output
directly to the next LE in the LAB using FastLUT connections. See
Figure 7.
SYNCCLR
or LABCLK2
ASYNCLOAD
or LABPRE
LABCLK1
SYNCLOAD
or LABCLKENA2
LABCLR
LABCLKENA1
Dedicated
Clocks
Fast Global
Signals
Local
Interconnect
Local
Interconnect
Local
Interconnect
Local
Interconnect
4
6
Row Global
Signals
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com