Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 83 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 83 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 78Page - Altera Corporation EP1M350 Datasheet HTML 79Page - Altera Corporation EP1M350 Datasheet HTML 80Page - Altera Corporation EP1M350 Datasheet HTML 81Page - Altera Corporation EP1M350 Datasheet HTML 82Page - Altera Corporation EP1M350 Datasheet HTML 83Page - Altera Corporation EP1M350 Datasheet HTML 84Page - Altera Corporation EP1M350 Datasheet HTML 85Page - Altera Corporation EP1M350 Datasheet HTML 86Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
Altera Corporation
83
Mercury Programmable Logic Device Family Data Sheet
13
Notes to Tables 46 – 51:
(1)
Timing will vary by I/O pin placement. Therefore, use the Quartus II software to determine exact I/O timing for
each pin.
(2)
This parameter is measured with the Increase tZX Delay to Output Pin option set to Off.
(3)
This parameter is measured with the Increase tZX Delay to Output Pin option set to On.
Power
Consumption
Detailed power consumption information for Mercury devices will be
released when available.
Configuration &
Operation
The Mercury architecture supports several configuration schemes. This
section summarizes the device operating modes and available device
configuration schemes.
Operating Modes
The Mercury architecture uses SRAM configuration elements that require
configuration data to be loaded each time the circuit powers up. The
process of physically loading the SRAM data into the device is called
configuration. During initialization, which occurs immediately after
configuration, the device resets registers, enables I/O pins, and begins to
operate as a logic device. The I/O pins are tri-stated during power-up and
before and during configuration. Together, the configuration and
initialization processes are called command mode; normal device
operation is called user mode.
Table 51. EP1M350 External Bidirectional Timing Parameters
Note (1)
Symbol
-5 Speed Grade
-6 Speed Grade
-7 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSUBIDIR
0.60
0.57
0.71
ns
tINHBIDIR
0.00
0.00
0.00
ns
tOUTCOBIDIR
2.00
3.95
2.00
3.97
2.00
4.75
ns
tXZBIDIR
3.90
3.93
4.70
ns
tZXBIDIR (2)
3.90
3.93
4.70
ns
tZXBIDIR (3)
4.10
4.13
4.94
ns
tINSUBIDIRPLL
0.69
0.70
0.82
ns
tINHBIDIRPLL
0.00
0.00
0.00
ns
tOUTCOBIDIRPLL
0.50
2.23
0.50
2.23
0.50
2.69
ns
tXZBIDIRPLL
2.19
2.18
2.63
ns
tZXBIDIRPLL (2)
2.19
2.18
2.63
ns
tZXBIDIRPLL (3)
2.39
2.38
2.87
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com