Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 72 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 72 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 68Page - Altera Corporation EP1M350 Datasheet HTML 69Page - Altera Corporation EP1M350 Datasheet HTML 70Page - Altera Corporation EP1M350 Datasheet HTML 71Page - Altera Corporation EP1M350 Datasheet HTML 72Page - Altera Corporation EP1M350 Datasheet HTML 73Page - Altera Corporation EP1M350 Datasheet HTML 74Page - Altera Corporation EP1M350 Datasheet HTML 75Page - Altera Corporation EP1M350 Datasheet HTML 76Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
72
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
Figure 35. Transmitter Output Waveforms for Differential I/O Standards
Single-Ended Waveform
Differential Waveform
Positive Channel (p) = VOH
Negative Channel (n) = VOL
Ground
±VOD
+VOD
− V
OD
VOD (Peak-to-Peak)
p
− n = 0 V
VCM
Table 27. 3.3-V LVDS I/O Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VCCIO
I/O supply voltage
3.135
3.3
3.465
V
VOD
Differential output voltage
RL = 100 Ω
250
510
600
mV
∆ V
OD
Change in VOD between
high and low
RL = 100 Ω
50
mV
VOS
Output offset voltage
RL = 100 Ω
1.125
1.25
1.375
V
∆ V
OS
Change in VOS between
high and low
RL = 100 Ω
50
mV
VTH
Differential input threshold
VCM = 1.2 V
–100
100
mV
VIN
Receiver input voltage
range
0.0
2.4
V
RL
Receiver differential input
resistor (external to
Mercury devices)
90
100
110
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com