Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 3 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 3 Page - Altera Corporation

  EP1M350 Datasheet HTML 1Page - Altera Corporation EP1M350 Datasheet HTML 2Page - Altera Corporation EP1M350 Datasheet HTML 3Page - Altera Corporation EP1M350 Datasheet HTML 4Page - Altera Corporation EP1M350 Datasheet HTML 5Page - Altera Corporation EP1M350 Datasheet HTML 6Page - Altera Corporation EP1M350 Datasheet HTML 7Page - Altera Corporation EP1M350 Datasheet HTML 8Page - Altera Corporation EP1M350 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
Altera Corporation
3
Mercury Programmable Logic Device Family Data Sheet
13
Tables 2 and 3 show the MercuryTM FineLine BGATM device package sizes,
options, and I/O pin counts.
General
Description
Mercury devices integrate high-speed differential transceivers and
support for CDR with a speed-optimized PLD architecture. These
transceivers are implemented through the dedicated serializer,
deserializer, and clock recovery circuitry in the HSDI and incorporate
support for the LVDS, LVPECL, and 3.3-V PCML I/O standards. This
circuitry, together with enhanced I/O elements (IOEs) and support for
numerous I/O standards, allows Mercury devices to meet high-speed
interface requirements.
Mercury devices are the first PLDs optimized for core performance. These
LUT-based, enhanced memory devices use a network of fast routing
resources to achieve optimal performance. These resources are ideal for
data-path, register-intensive, mathematical, digital signal processing
(DSP), or communications designs.
Table 2. Mercury Package Sizes
Feature
484-Pin
FineLine BGA
780-Pin
FineLine BGA
Pitch (mm)
1.00
1.00
Area (mm2)529
841
Length
× width (mm × mm)
23
× 23
29
× 29
Table 3. Mercury Package Options & I/O Count
Device
484-Pin
FineLine BGA
780-Pin
FineLine BGA
EP1M120
303
EP1M350
486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com