Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 24 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 24 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 20Page - Altera Corporation EP1M350 Datasheet HTML 21Page - Altera Corporation EP1M350 Datasheet HTML 22Page - Altera Corporation EP1M350 Datasheet HTML 23Page - Altera Corporation EP1M350 Datasheet HTML 24Page - Altera Corporation EP1M350 Datasheet HTML 25Page - Altera Corporation EP1M350 Datasheet HTML 26Page - Altera Corporation EP1M350 Datasheet HTML 27Page - Altera Corporation EP1M350 Datasheet HTML 28Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
24
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
The Quartus II Compiler creates carry chains longer than ten LEs by
linking LABs together automatically. For enhanced fitting, a long carry
chain skips intermediate LABs in a row structure. A carry chain longer
than one LAB skips either from an even-numbered LAB to the next even-
numbered LAB, or from an odd-numbered LAB to the next odd-
numbered LAB. For example, the last LE of the first LAB in a LAB row
carries to the first LE of the third LAB in the same LAB row.
Multiplier Mode
Multiplier mode is used for implementing high-speed multipliers up to
16
× 16 in size. The LUT implements the partial product formation and
summation in a single stage for a N
× M-bit multiply operation. A single
LE can implement the summation of ANBM + 1 + AN + 1BM for the
multiplier and multiplicand inputs. To increase the speed of the
multiplication, LAB wide signals are used to control the partial product
sum generation. These multiplier LAB-wide signals use the LABCLKENA1
and PRESET/ASYNCLOAD resources. The multiplier mode takes
advantage of the CSLA circuitry for optimized sum and carry generation
in the partial product sum. There is a special CSLA circuitry mode used
for the multiplier where the carry chain runs vertically between LABs in
the same column. The Quartus II Compiler automatically uses this special
mode for dedicated multiplier implementation only. The summation of
the multiplier and multiplicand bits is driven out along with the carry-
out0
and carry-out1 bits. The combinatorial or registered versions of
the sum can be driven out, allowing the multiplier to be pipelined.
The RapidLAB interconnect has dedicated fast connections to the LE
inputs in multiplier mode, further increasing the speed of the multiplier.
These dedicated connections allow RapidLAB lines to avoid delay
incurred by driving onto local interconnects and then into the LE.
The Quartus II software implements parameterized functions that use the
multiplier mode automatically when multiply operators are used.
Figure 11 shows a Mercury device LE in multiplier mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com