Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 51 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 51 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 47Page - Altera Corporation EP1M350 Datasheet HTML 48Page - Altera Corporation EP1M350 Datasheet HTML 49Page - Altera Corporation EP1M350 Datasheet HTML 50Page - Altera Corporation EP1M350 Datasheet HTML 51Page - Altera Corporation EP1M350 Datasheet HTML 52Page - Altera Corporation EP1M350 Datasheet HTML 53Page - Altera Corporation EP1M350 Datasheet HTML 54Page - Altera Corporation EP1M350 Datasheet HTML 55Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
Altera Corporation
51
Mercury Programmable Logic Device Family Data Sheet
13
When using the IOE for double data rate outputs, the output register and
OE register are automatically configured to clock two data paths from LEs
on rising clock edges. These register outputs are multiplexed by the clock
to drive the output pin at a
×2 rate. The output register clocks the first bit
out on the clock high time, while the OE register clocks the second bit out
on the clock low time. Figure 28 shows the IOE configured for DDR
output.
Figure 28. IOE Configured for DDR Output
Bidirectional DDR on an I/O pin is possible by using the IOE for DDR
output and using LEs to acquire the double data rate input. Bidirectional
DDR I/O pins support double data rate synchronous DRAM (DDR
SDRAM) at 166 MHz (334 Mbps), which transfer data on a double data
rate bidirectional bus. QDR SRAMs are also supported with DDR I/O
pins on separate read and write ports.
CLRN/PRN
DQ
ENA
Chip-Wide Reset
OE Register
CLRN/PRN
DQ
ENA
Output Register
Output
Propagation Delay
Drive Strength Control
Open-Drain Output
Slew Control
VCCIO
VCCIO
Optional
PCI Clamp
Programmable
Pull-Up
Associated LAB
Local Interconnect
Two Row
Local Fast
Signals
Six Fast
Global
Signals
Four
Dedicated
Clocks
Bus-Hold
Circuit
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com