Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 79 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 79 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 75Page - Altera Corporation EP1M350 Datasheet HTML 76Page - Altera Corporation EP1M350 Datasheet HTML 77Page - Altera Corporation EP1M350 Datasheet HTML 78Page - Altera Corporation EP1M350 Datasheet HTML 79Page - Altera Corporation EP1M350 Datasheet HTML 80Page - Altera Corporation EP1M350 Datasheet HTML 81Page - Altera Corporation EP1M350 Datasheet HTML 82Page - Altera Corporation EP1M350 Datasheet HTML 83Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 86 page
background image
Altera Corporation
79
Mercury Programmable Logic Device Family Data Sheet
13
Notes to Tables 20 – 43.:
(1)
See the Operating Requirements for Altera Devices Data Sheet.
(2)
Minimum DC input is –0.5 V. During transitions, the inputs may undershoot to –0.5 V or overshoot to 4.1 V for input
currents less than 100 mA and periods shorter than 20 ns.
(3)
Maximum VCC rise time is 100 ms, and VCC must rise monotonically.
(4)
VCCIO maximum and minimum conditions for LVPECL, LVDS, RapidIO, and 3.3-V PCML are shown in
parentheses.
(5)
All pins, including dedicated inputs, clock, I/O, and JTAG pins, may be driven before VCCINT and VCCIO are
powered.
(6)
Typical values are for TA = 25° C, VCCINT = 1.8 V, and VCCIO = 1.8 V, 2.5 V, and 3.3 V.
(7)
These values are specified under the Mercury Device Recommended Operating Conditions shown in Table 3 on
page 3.
(8)
Input pins are grounded. In the test design, internal logic does not toggle. The test design does not use PLL or HSDI
circuitry. All ESBs are in power-down mode.
(9)
Pin pull-up resistance values will lower if an external source drives the pin higher than VCCIO.
(10) Drive strength is programmable according to values in Table 11 on page 53.
(11) For more information on termination, see AN 134: Using Programmable I/O Standards in Mercury Devices or
AN 159: Using HSDI in Source-Synchronous Mode in Mercury Devices.
(12) VREF specifies the center point of the switching range.
(13) Capacitance is sample-tested only. Capacitance is measured using time-domain reflections (TDR). Measurement
accuracy is within
±5%.
Timing Model
The high-performance multi-level FastTrack Interconnect routing
resources ensure predictable performance, accurate simulation, and
accurate timing analysis. The predictable performance of Mercury devices
offer an advantage over FPGAs, which use a segmented connection
scheme and therefore have unpredictable performance.
Figure 36 shows the timing model for bidirectional IOE pin timing. All
registers are within the IOE.
Figure 36. Synchronous Bidirectional Pin External Timing Model
PRN
CLRN
DQ
PRN
CLRN
DQ
PRN
CLRN
DQ
Dedicated
Clock
Bidirectional
Pin
Output Register
Input Register
OE Register
tINSUBIDIR
tOUTCOBIDIR
tXZBIDIR
tZXBIDIR
tINHBIDIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com