Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 11 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 11 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 7Page - Altera Corporation EP1M350 Datasheet HTML 8Page - Altera Corporation EP1M350 Datasheet HTML 9Page - Altera Corporation EP1M350 Datasheet HTML 10Page - Altera Corporation EP1M350 Datasheet HTML 11Page - Altera Corporation EP1M350 Datasheet HTML 12Page - Altera Corporation EP1M350 Datasheet HTML 13Page - Altera Corporation EP1M350 Datasheet HTML 14Page - Altera Corporation EP1M350 Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
Altera Corporation
11
Mercury Programmable Logic Device Family Data Sheet
13
Table 6 defines the support for source-synchronous mode applications.
Note to Table 6:
(1)
You can use the CDR circuit to achieve data rates for DC coupled LVDS
applications. You must AC-couple the clock to a 2.2-V common mode voltage
(VCM) using the AC-coupling schemes in AN 134: Using Programmable I/O Standards
in Mercury Devices. The data channels should be DC-coupled. The byte alignment
relative to the clock is lost when using the CDR circuit. Therefore, a byte-alignment
circuit is required. Most Mercury source-synchronous designs already include
byte-alignment logic since they usually use DDR or SDR clocks. The CDR run
length requirement is waived if the reference clock and the receiver data come from
the same source and have the same frequency.
In CDR mode, serial data is supported up to 1.25 Gbps per channel. The
system provides a reference clock which is multiplied by the receiver or
transmitter PLL to the same rate as the data is provided. For the receiver,
this multiplied reference clock is used by a CRU on each receiver channel
to generate a recovered clock in-phase with the received data. That
recovered clock drives the programmable deserializer and synchronizer.
The synchronizer is a FIFO for data transfer between the recovered clock
domain and the global clock domain. The dedicated synchronizers can be
bypassed if necessary. For every receiver channel in the EP1M350 and
EP1M120 devices, the ÷J recovered clock can drive a priority column line
for use as a clock. See Figure 4.
Table 6. Source-Synchronous Mode
Data Rate
I/O Standard
LVDS
LVPECL
3.3-V PCML
≤ 840 Mbps
(1)
vv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com