Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 64 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 60Page - ATMEL Corporation AT89LP428 Datasheet HTML 61Page - ATMEL Corporation AT89LP428 Datasheet HTML 62Page - ATMEL Corporation AT89LP428 Datasheet HTML 63Page - ATMEL Corporation AT89LP428 Datasheet HTML 64Page - ATMEL Corporation AT89LP428 Datasheet HTML 65Page - ATMEL Corporation AT89LP428 Datasheet HTML 66Page - ATMEL Corporation AT89LP428 Datasheet HTML 67Page - ATMEL Corporation AT89LP428 Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 149 page
background image
64
3654A–MICRO–8/09
AT89LP428/828
Notes:
1. All writes/reads to/from T2CCC will access channel X as currently selected by T2CCA.The control registers for the remain-
ing unselected channels are not accessible.
2. Analog Comparator A events are determined by the CMA2-0 bits in ACSRA. See Table 18-1 on page 102.
3. Analog Comparator B events are determined by the CMB
2-0 bits in ACSRB. See Table 18-2 on page 103.
4. Asymmetrical versus Symmetrical PWM is determined by the Timer 2 Count Mode. See “Pulse Width Modulation Mode” on
page 68.
Table 13-4.
T2CCC – Timer/Counter 2 Compare/Capture Control
T2CCC Address = 0D4H
Reset Value = 00X0 0000B
Not Bit Addressable
CIENx
CDIRx
–CTCx
CCMx
CxM2
CxM1
CxM0
Bit
7
654
321
0
Symbol
Function
CIENx
Channel X Interrupt Enable. When set, channel X’s interrupt flag, CCFx in T2CCF, will generate an interrupt when
ECC = 1. Clear to disable interrupts from channel X.
CDIRx
Channel X Capture Direction. In dual-slope modes, a compare/capture event on channel X will store the current count
direction into CDIRx. Up-counting = 0 and down-counting = 1. Modifying this bit has no effect.
CTCx
Clear Timer on Compare/Capture of Channel X. When set, the Timer 2 registers TL2 and TH2 will be cleared by a
compare/capture event on channel X. When cleared, Timer 2 is unaffected by channel X events.
CCMx
Channel X Compare/Capture Mode. When CCMx = 1, channel X operates in compare mode. When CCMx = 0, channel
X operates in capture mode.
CxM
[2 - 0]
Channel X Mode. Selects the output/input events for compare/capture channel X.
CxM2
CxM1
CxM0
Capture Event (CCMx = 0)
000
Disabled
0
0
1
Trigger on negative edge of CCx pin
0
1
0
Trigger on positive edge of CCx pin
0
1
1
Trigger on either edge of CCx pin
1
0
0
Trigger on Timer 0 overflow
1
0
1
Trigger on Timer 1 overflow
1
1
0
Trigger on Analog Comparator A Event(2)
1
1
1
Trigger on Analog Comparator B Event(3)
CxM2
CxM1
CxM0
Compare Action (CCMx = 1)
000
Output disabled (interrupt only)
001
Set CCx pin on compare match
010
Clear CCx pin on compare match
0
1
1
Toggle CCx pin on compare match
100
Inverting Pulse Width Modulation(4)
1
0
1
Non-inverting Pulse Width Modulation(4)
110
Reserved
111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com