Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 67Page - ATMEL Corporation AT89LP428 Datasheet HTML 68Page - ATMEL Corporation AT89LP428 Datasheet HTML 69Page - ATMEL Corporation AT89LP428 Datasheet HTML 70Page - ATMEL Corporation AT89LP428 Datasheet HTML 71Page - ATMEL Corporation AT89LP428 Datasheet HTML 72Page - ATMEL Corporation AT89LP428 Datasheet HTML 73Page - ATMEL Corporation AT89LP428 Datasheet HTML 74Page - ATMEL Corporation AT89LP428 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 149 page
background image
71
3654A–MICRO–8/09
AT89LP428/828
Figure 13-9. Non-overlapping Waveforms Using Symmetrical PWM
13.4.2.1
Phase and Frequency Correct PWM
When T2CM
1-0 = 10B, the Symmetrical PWM operates in phase and frequency correct mode. In
this mode the compare value double buffer is only updated when the timer equals MIN (under-
flow). This guarantees that the resulting waveform is always symmetrical around the TOP value
as shown in Figure 13-10 because the up and down count compare values are identical. The
TF2 interrupt flag is only set at underflow.
13.4.2.2
Phase Correct PWM
When T2CM
1-0 =11B, the Symmetrical PWM operates in phase correct mode. In this mode the
compare value double buffer is updated when the timer equals MIN (underflow) and TOP (over-
flow). The resulting waveform may not be completely symmetrical around the TOP value as
shown in Figure 13-11 because the up and down count compare values may not be identical.
However, this allows the pulses to be weighted toward one edge or another. The TF2 interrupt
flag is set at both underflow and overflow.
Figure 13-10. Phase and Frequency Correct Symmetrical (Center-Aligned) PWM
{RCAP2H,RCA2L}
CP/RL2 = 0, T2CM1-0 = 10B, DCEN = 0
(Inverted) CCA
{CCAH,CCAL}
(Non-Inverted) CCB
{CCBH,CCBL}
{RCAP2H,RCA2L}
CP/RL2 = 0, T2CM1-0 = 10B, DCEN = 0
Inverted
{CCxH,CCxL}
Non-Inverted
CCx
Duty Cycle Updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com