Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 17Page - ATMEL Corporation AT89LP428 Datasheet HTML 18Page - ATMEL Corporation AT89LP428 Datasheet HTML 19Page - ATMEL Corporation AT89LP428 Datasheet HTML 20Page - ATMEL Corporation AT89LP428 Datasheet HTML 21Page - ATMEL Corporation AT89LP428 Datasheet HTML 22Page - ATMEL Corporation AT89LP428 Datasheet HTML 23Page - ATMEL Corporation AT89LP428 Datasheet HTML 24Page - ATMEL Corporation AT89LP428 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 149 page
background image
21
3654A–MICRO–8/09
AT89LP428/828
6.1
Crystal Oscillator
When enabled, the internal inverting oscillator amplifier is connected between XTAL1 and
XTAL2 for connection to an external quartz crystal or ceramic resonator. The oscillator may
operate in either high-speed or low-speed mode. Low-speed mode is intended for 32.768 kHz
watch crystals and consumes less power than high-speed mode. The configuration as shown in
Figure 6-1 applies for both high and low speed oscillators. Note that the internal structure of the
device adds about 10 pF of capacitance to both XTAL1 and XTAL2, so that in some cases an
external capacitor may NOT be required. It is recommended that a resistor R1 be connected to
XTAL1, instead of load capacitor C1, for improved startup performance. The total capacitance
on XTAL1 or XTAL2, including the external load capacitor plus internal device load, board trace
and crystal loadings, should not exceed 20 pF.When using the crystal oscillator, P4.0 and P4.1
will have their inputs and outputs disabled. Also, XTAL2 in crystal oscillator mode should not be
used to directly drive a board-level clock without a buffer.
Figure 6-1.
Crystal Oscillator Connections
Note:
1. C2
= 0–10 pF for Crystals
= 0–10 pF for Ceramic Resonators
R1
= 4–5 M
Ω
6.2
External Clock Source
The external clock option disables the oscillator amplifier and allows XTAL1 to be driven directly
by an external clock source as shown in Figure 6-2. XTAL2 may be left unconnected, used as
general-purpose I/O P4.1, or configured to output a divided version of the system clock.
Figure 6-2.
External Clock Drive Configuration
~10 pF
~10 pF
C2
R1
XTAL2 (P4.1)
XTAL1 (P4.0)
GND
NC, GPIO, or
CLKOUT
External
Oscillator
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com