Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 18Page - ATMEL Corporation AT89LP428 Datasheet HTML 19Page - ATMEL Corporation AT89LP428 Datasheet HTML 20Page - ATMEL Corporation AT89LP428 Datasheet HTML 21Page - ATMEL Corporation AT89LP428 Datasheet HTML 22Page - ATMEL Corporation AT89LP428 Datasheet HTML 23Page - ATMEL Corporation AT89LP428 Datasheet HTML 24Page - ATMEL Corporation AT89LP428 Datasheet HTML 25Page - ATMEL Corporation AT89LP428 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 149 page
background image
22
3654A–MICRO–8/09
AT89LP428/828
6.3
Internal RC Oscillator
The AT89LP428/828 has an Internal RC oscillator (IRC) tuned to 8.0 MHz ±1.0% at 5.0V and
25°C. When enabled as the clock source, XTAL1 and XTAL2 may be used as P4.0 and P4.1,
respectively. XTAL2 may also be configured to output a divided version of the system clock. The
frequency of the oscillator may be adjusted within limits by changing the RC Calibration Byte
stored at byte 64 of the User Signature Array. This location may be updated using the IAP inter-
face (location 00C0H in SIG space) or by an external device programmer (UROW location
0040H). See “User Signature and Analog Configuration” on page 122.
6.4
System Clock Out
When the AT89LP428/828 is configured to use either an external clock or the internal RC oscil-
lator, the system clock divided by 2 may be output on XTAL2 (P4.1). The clock out feature is
enabled by setting the COE bit in CLKREG. For example, setting COE = “1” when using the
internal oscillator will result in a 4.0 MHz clock output on P4.1. P4.1 must be configured as an
output in order to use the clock out feature.
6.5
System Clock Divider
The CDV
2-0 bits in CLKREG allow the system clock to be divided down from the selected clock
source by powers of 2. The clock divider provides users with a greater frequency range when
using the Internal RC Oscillator. For example, to achieve a 1 MHz system frequency when using
the IRC, CDV
2-0 should be set to 011B for divide-by-8 operation. The divider can also be used to
reduce power consumption by decreasing the operational frequency during non-critical periods.
The resulting system frequency is given by the following equation:
where f
OSC is the frequency of the selected clock source. The clock divider will prescale the clock
for the CPU and all peripherals. The value of CDV may be changed at any time without interrupt-
ing normal execution. Changes to CDV are synchronized such that the system clock will not
pass through intermediate frequencies. When CDV is updated, the new frequency will take
affect within a maximum period of 32 x t
OSC.
f
SYS
f
OSC
2
CDV
-------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com