Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 65Page - ATMEL Corporation AT89LP428 Datasheet HTML 66Page - ATMEL Corporation AT89LP428 Datasheet HTML 67Page - ATMEL Corporation AT89LP428 Datasheet HTML 68Page - ATMEL Corporation AT89LP428 Datasheet HTML 69Page - ATMEL Corporation AT89LP428 Datasheet HTML 70Page - ATMEL Corporation AT89LP428 Datasheet HTML 71Page - ATMEL Corporation AT89LP428 Datasheet HTML 72Page - ATMEL Corporation AT89LP428 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 149 page
background image
69
3654A–MICRO–8/09
AT89LP428/828
and precision is made by changing the TOP value of the timer. The CCA PWM always uses the
greatest precision allowable for the selected output frequency, as compared to Timer 0 and 1
whose PWMs are fixed at 8-bit precision regardless of frequency.
Figure 13-7. CCA PWM Mode Diagram
13.4.1
Asymmetrical PWM
For Asymmetrical PWM, Timer 2 should be configured for Auto-reload mode and Count Mode 1
(CP/RL2 =0, DCEN = 0, T2CM1-0 = 01B). Asymmetrical PWM uses single slope operation as
shown in Figure 13-8. The timer counts up from BOTTOM to TOP and then restarts from BOT-
TOM. In non-inverting mode, the output CCx is set on the compare match between Timer 2
(TL2, TH2) and the channel data register (CCxL, CCxH), and cleared at BOTTOM. In inverting
mode, the output CCx is cleared on the compare match between Timer 2 and the data register,
and set at BOTTOM. The resulting asymmetrical output waveform is left-edge aligned.
The TOP value in RCAP2L and RCAP2H is double buffered such that the output frequency is
only updated at the TOP to BOTTOM overflow. The channel data register (CCxL, CCxH) is also
double-buffered such that the duty cycle is only updated at the TOP to BOTTOM overflow to pre-
vent glitches. The output frequency and duty cycle for asymmetrical PWM are given by the
following equations:
The extreme compare values represent special cases when generating a PWM waveform. If the
compare value is set equal to (or greater than) TOP, the output will remain low or high for non-
inverting and inverting modes, respectively. If the compare value is set to BOTTOM (0000H), the
output will remain high or low for non-inverting and inverting modes, respectively.
TL2
TH2
CCxL
CCxH
CCCx
Interrupt
CCx (P2.x)
T2CCC
T2CCL
Shadow
CCFx
CIENx
CxM2-0
=
T2CCH
Shadow
Shadow
f
OUT
Oscillator Frequency
RCAP2H RCAP2L
{,
}
1
+
----------------------------------------------------------------
1
TPS
1
+
---------------------
×
=
Inverting:
Duty Cycle
100%
CCxH CCxL
{,
}
RCAP2H RCAP2L
{,
}
1
+
----------------------------------------------------------------
×
=
Non-Inverting:
Duty Cycle
100%
RCAP2H RCAP2L
{,
}
CCxH CCxL
{,
}
–
1
+
RCAP2H RCAP2L
{,
}
1
+
-------------------------------------------------------------------------------------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com