Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 50Page - ATMEL Corporation AT89LP428 Datasheet HTML 51Page - ATMEL Corporation AT89LP428 Datasheet HTML 52Page - ATMEL Corporation AT89LP428 Datasheet HTML 53Page - ATMEL Corporation AT89LP428 Datasheet HTML 54Page - ATMEL Corporation AT89LP428 Datasheet HTML 55Page - ATMEL Corporation AT89LP428 Datasheet HTML 56Page - ATMEL Corporation AT89LP428 Datasheet HTML 57Page - ATMEL Corporation AT89LP428 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 149 page
background image
54
3654A–MICRO–8/09
AT89LP428/828
Table 12-4.
T2MOD – Timer 2 Mode Control Register
T2MOD Address = 0C9H
Reset Value = 0000 0000B
Not Bit Addressable
PHSDPHS2PHS1PHS0
T2CM1
T2CM0
T2OE
DCEN
Bit
765
43
210
Symbol
Function
PHSD
CCA Phase Direction. For phase modes with 3 or 4 channels, PHSD determines the direction that the channels are cycled
through. PHSD also determines the initial phase relationship for 2 phase modes.
PHSD
Direction
0
or
or
1
or
or
PHS
[2 - 0]
CCA Phase Mode. PWM channels may be grouped by 2, 3 or 4 such that only one channel in a group produces a pulse in
any one period. The PHS [2 - 0] bits may only be written when the timer is not active, i.e. TR2 = 0.
PHS2
PHS1
PHS0
Phase Mode
000
Disabled, all channels active
0
0
1
2-phase output on channels A & B
0
1
0
3-phase output on channels A, B & C
0
1
1
4-phase output on channels A, B, C & D
100
Dual 2-phase output on channels A & B and C & D
101
reserved
110
reserved
111
reserved
T2CM
[1 - 0]
Timer 2 Count Mode.
T2CM1
T2CM0
Count Mode
00
Standard Timer 2 (up count:
)
0
1
Clear on RCAP compare (up count:
)
10
Dual-slope with single update (up-down count:
)
11
Dual-slope with double update (up-down count:
)
T2OE
Timer 2 Output Enable. When T2OE = 1 and C/T2 = 0, the T2 pin will toggle after every Timer 2 overflow.
DCEN
Timer 2 Down Count Enable. When Timer 2 operates in Auto-reload mode and EXEN2 = 1, setting DCEN = 1 will cause
Timer 2 to count up or down depending on the state of T2EX.
ABAB
→→→
AB
CABC
→→ →→→
ABCDABCD
→→ → →→→ →
BABA
→→→
CBACBA
→→→ → →
DCBADCBA
→ →→→ → → →
BOTTOM
MAX
→
MIN
TOP
→
MIN
TOP
MIN
→→
MIN
TOP
MIN
→→



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com