Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 62 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 58Page - ATMEL Corporation AT89LP428 Datasheet HTML 59Page - ATMEL Corporation AT89LP428 Datasheet HTML 60Page - ATMEL Corporation AT89LP428 Datasheet HTML 61Page - ATMEL Corporation AT89LP428 Datasheet HTML 62Page - ATMEL Corporation AT89LP428 Datasheet HTML 63Page - ATMEL Corporation AT89LP428 Datasheet HTML 64Page - ATMEL Corporation AT89LP428 Datasheet HTML 65Page - ATMEL Corporation AT89LP428 Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 149 page
background image
62
3654A–MICRO–8/09
AT89LP428/828
Timer 2 must be running (TR2 = 1) in order to perform captures or compares with the CCA.
However, when TR2 = 0 the external capture events will still set their associated flags and may
be used as additional external interrupts.
Figure 13-1. Compare/Capture Array Block Diagram
13.1
CCA Registers
The Compare/Capture Array has five Special Function Registers: T2CCA, T2CCC, T2CCL,
T2CCH and T2CCF. The T2CCF register contains the interrupt flags for each CCA channel. The
CCA interrupt is a logic OR of the bits in T2CCF. The flags are set by hardware when a com-
pare/capture event occurs on the relevant channel and must be cleared by software. The
T2CCF bits will only generate an interrupt when the ECC bit (IE2.1) is set and the CIENx bit in
the associated channel’s CCCx register is set.
The T2CCC, T2CCL and T2CCH register locations are not true SFRs. These locations represent
access points to the contents of the array. Writes/reads to/from the T2CCC, T2CCL and T2CCH
locations will access the control, data low and data high bytes of the CCA channel currently
selected by the index in T2CCA. Channels currently not indexed by T2CCA are not accessible.
When writing to T2CCH, the value is stored in a shadow register. When T2CCL is written, the
16-bit value formed by the contents of T2CCL and the T2CCH shadow is written into the array.
Therefore, T2CCH must be written prior to writing T2CCL. All four channels use the same
T2CCH shadow register. If the value of T2CCH remains constant for multiple writes, there is no
need to update T2CCH between T2CCL writes. Every write to T2CCL will use the last value of
T2CCH for the upper data byte. It is not possible to write to the data register of a channel config-
ured for capture mode.
The configuration bits for each channel are stored in the CCCx registers accessible through
T2CCC. See Table 13-4 on page 64 for a description of the CCCx register.
OSC
(P1.0) T2
TR2
TL2
Timer 2 Interrupt
C/T2 = 0
C/T2 =1
TH2
TF2
RCAP2L
RCAP2H
÷TPS
CCAL
CCAH
CCCA
CCBL
CCBH
CCCB
CCCL
CCCH
CCCC
CCDL
CCDH
CCCD
T2CCF
CCA Interrupt
CCA (P2.0)
CCB (P2.1)
CCC (P2.2)
CCD (P2.3)
T2CCC
T2CCL
T2CCH
T2CCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com