Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 6Page - ATMEL Corporation AT89LP428 Datasheet HTML 7Page - ATMEL Corporation AT89LP428 Datasheet HTML 8Page - ATMEL Corporation AT89LP428 Datasheet HTML 9Page - ATMEL Corporation AT89LP428 Datasheet HTML 10Page - ATMEL Corporation AT89LP428 Datasheet HTML 11Page - ATMEL Corporation AT89LP428 Datasheet HTML 12Page - ATMEL Corporation AT89LP428 Datasheet HTML 13Page - ATMEL Corporation AT89LP428 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 149 page
background image
10
3654A–MICRO–8/09
AT89LP428/828
In order to read from the signature arrays, the SIGEN bit (DPCF.3) must be set. While SIGEN is
one, MOVC A,@A+DPTR will access the signature arrays. The User Signature Array is mapped
from addresses 0080H to 00FFH and the Atmel Signature Array is mapped from addresses
0000H to 003FH. SIGEN must be cleared before using MOVC to access the code memory. The
User Signature Array may also be modified by the In-Application Programming interface. When
IAP = 1 and SIGEN = 1, MOVX @DPTR instructions will access the array.
3.2
Internal Data Memory
The AT89LP428/828 contains 256 bytes of general SRAM data memory plus 128 bytes of I/O
memory mapped into a single 8-bit address space. Access to the internal data memory does not
require any configuration. The internal data memory has three address spaces: DATA, IDATA
and SFR; as shown in Figure 3-2.
Figure 3-2.
Internal Data Memory Map
3.2.1
DATA
The first 128 bytes of RAM are directly addressable by an 8-bit address (00H - 7FH) included in
the instruction. The lowest 32 bytes of DATA memory are grouped into 4 banks of 8 registers
each. The RS0 and RS1 bits (PSW.3 and PSW.4) select which register bank is in use. Instruc-
tions using register addressing will only access the currently specified bank.
3.2.2
IDATA
The full 256 bytes of internal RAM can be indirectly addressed using the 8-bit pointers R0 and
R1. The first 128 bytes of IDATA include the DATA space. The hardware stack is also located in
the IDATA space.
3.2.3
SFR
The upper 128 direct addresses (80H - FFH) access the I/O registers. I/O registers on AT89LP
devices are referred to as Special Function Registers. The SFRs can only be accessed through
direct addressing. All SFR locations are not implemented. See “Special Function Registers” on
page 15.
FFH
Upper
128
80H
7F H
Lower
128
0
FFH
80H
Special
Function
Registers
Ports
Status and Control Bits
Registers
Stack Pointer
Accumulator
(Etc.)
Timers
Accessible
by Indirect
Addressing
Only
Accessible
by Direct and
Indirect Addressing
Only
Accessible
by Direct
Addressing
IDATA
SFR
DATA/IDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com