Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 66Page - ATMEL Corporation AT89LP428 Datasheet HTML 67Page - ATMEL Corporation AT89LP428 Datasheet HTML 68Page - ATMEL Corporation AT89LP428 Datasheet HTML 69Page - ATMEL Corporation AT89LP428 Datasheet HTML 70Page - ATMEL Corporation AT89LP428 Datasheet HTML 71Page - ATMEL Corporation AT89LP428 Datasheet HTML 72Page - ATMEL Corporation AT89LP428 Datasheet HTML 73Page - ATMEL Corporation AT89LP428 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 149 page
background image
70
3654A–MICRO–8/09
AT89LP428/828
Figure 13-8. Asymmetrical (Edge-Aligned) PWM
13.4.2
Symmetrical PWM
For Symmetrical PWM, Timer 2 should be configured for Auto-reload mode and Count Mode 2
or 3 (CP/RL2 = 0, DCEN = 0, T2CM1-0 =1xB). Symmetrical PWM uses dual-slope operation as
shown in Figure 13-9. The timer counts up from MIN to TOP and then counts down from TOP to
MIN. The timer is equal to TOP for exactly one clock cycle. In non-inverting mode, the output
CCx is cleared on the up-count compare match between Timer 2 (TL2, TH2) and the channel
data register (CCxL, CCxH), and set at the down-count compare match. In inverting mode, the
output CCx is set on the up-count compare match between Timer 2 and the data register, and
cleared at the down-count compare match. The resulting symmetrical PWM output waveform is
center-aligned around the timer equal to TOP point. Symmetrical PWM may be used to generate
non-overlapping waveforms.
The TOP value in RCAP2L and RCAP2H is double buffered such that the output frequency is
only updated at the underflow. The channel data register (CCxL, CCxH) is also double-buffered
to prevent glitches. The output frequency and duty cycle for symmetrical PWM are given by the
following equations:
The extreme compare values represent special cases when generating a PWM waveform. If the
compare value is set equal to (or greater than) TOP, the output will remain high or low for non-
inverting and inverting modes, respectively. If the compare value is set to MIN (0000H), the out-
put will remain low or high for non-inverting and inverting modes, respectively.
{RCAP2H,RCA2L}
CP/RL2 = 0, T2CM1-0 = 01B, DCEN = 0
Inverted
{CCxH,CCxL}
Non-inverted
CCx
f
OUT
Oscillator Frequency
2
RCAP2H RCAP2L
{,
}
×
-----------------------------------------------------------------
1
TPS
1
+
---------------------
×
=
Non-Inverting:
Duty Cycle
100%
CCxH CCxL
{,
}
RCAP2H RCAP2L
{,
}
------------------------------------------------------
×
=
Inverting:
Duty Cycle
100%
RCAP2H RCAP2L
{,
}
CCxH CCxL
{,
}
–
RCAP2H RCAP2L
{,
}
---------------------------------------------------------------------------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com