Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 7Page - ATMEL Corporation AT89LP428 Datasheet HTML 8Page - ATMEL Corporation AT89LP428 Datasheet HTML 9Page - ATMEL Corporation AT89LP428 Datasheet HTML 10Page - ATMEL Corporation AT89LP428 Datasheet HTML 11Page - ATMEL Corporation AT89LP428 Datasheet HTML 12Page - ATMEL Corporation AT89LP428 Datasheet HTML 13Page - ATMEL Corporation AT89LP428 Datasheet HTML 14Page - ATMEL Corporation AT89LP428 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 149 page
background image
11
3654A–MICRO–8/09
AT89LP428/828
3.3
External Data Memory
AT89LP microcontrollers support a 16-bit external data memory address space. The external
memory space is accessed with the MOVX instructions. The AT89LP428/828 does not support
an external memory interface. However, some internal data memory resources are mapped into
portions of the external address space as shown in Figure 3-3. These memory spaces may
require configuration before the CPU can access them. The AT89LP428/828 includes 512 bytes
of on-chip Extra RAM (EDATA) and 512/1024 bytes of nonvolatile Flash data memory (FDATA).
Figure 3-3.
External Data Memory Map
3.3.1
EDATA
The Extra RAM is a portion of the external memory space implemented as an internal 512-byte
auxiliary RAM. The Extra RAM is mapped into the EDATA space at the bottom of the external
memory address space, from 0000H to 01FFH. MOVX instructions to this address range will
access the internal Extra RAM. EDATA can be accessed with both 16-bit (MOVX @DPTR) and
8-bit (MOVX @Ri) addresses. When 8-bit addresses are used, the PAGE register (086H) sup-
plies the upper address bits. The PAGE register breaks EDATA into two 256-byte pages. A page
cannot be specified independently for MOVX @R0 and MOVX @R1. When 16-bit addresses are
used (DPTR), the IAP bit (MEMCON.7) must be zero to access EDATA. MOVX instructions to
EDATA require a minimum of 2 clock cycles.
Extra RAM
(EDATA)
0000
01FF
0200
03FF
Flash Data
(FDATA)
Extra RAM
(EDATA)
0000
01FF
0200
05FF
Flash Data
(FDATA)
AT89LP428
AT89LP828
Table 3-3.
PAGE
– EDATA Page Register
PAGE = 86H
Reset Value = XXXX XXX0B
Not Bit Addressable
––––
–––
PAGE.0
Bit
7654
321
0
Symbol
Function
PAGE0
Selects which 256-byte page of EDATA is currently accessible by MOVX @Ri instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com