Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 57Page - ATMEL Corporation AT89LP428 Datasheet HTML 58Page - ATMEL Corporation AT89LP428 Datasheet HTML 59Page - ATMEL Corporation AT89LP428 Datasheet HTML 60Page - ATMEL Corporation AT89LP428 Datasheet HTML 61Page - ATMEL Corporation AT89LP428 Datasheet HTML 62Page - ATMEL Corporation AT89LP428 Datasheet HTML 63Page - ATMEL Corporation AT89LP428 Datasheet HTML 64Page - ATMEL Corporation AT89LP428 Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 149 page
background image
61
3654A–MICRO–8/09
AT89LP428/828
Figure 12-8. Timer 2 in Clock-out Mode
13. Compare/Capture Array
The AT89LP428/828 includes a four channel Compare/Capture Array (CCA) that performs a
variety of timing operations including input event capture, output compare waveform generation
and pulse width modulation (PWM). Timer 2 serves as the time base for the four 16-bit com-
pare/capture modules. The CCA has the following features:
•Four 16-bit Compare/Capture channels
• Common time base provided by Timer 2
• Selectable external and internal capture events including pin change, timer overflow and
comparator output change
• Symmetric/Asymmetric PWM with selectable polarity
•Multi-phasic PWM outputs
• One interrupt flag per channel with a common interrupt vector
The block diagram of the CCA is given in Figure 13-1. Each channel consists of an 8-bit control
register and a 16-bit data register. The channel registers are not directly accessible. The CCA
address register T2CCA provides an index into the array. The control, data low and data high
bytes of the currently indexed channel are accessed through the T2CCC, T2CCL and T2CCH
registers, respectively.
Each channel can be individually configured for capture or compare mode. Capture mode is the
default setting. During capture mode, the current value of the time base is copied into the chan-
nel’s data register when the specified external or internal event occurs. An interrupt flag is set at
the same time and the time base may be optionally cleared. To enable compare mode, the
CCMx bit in the channel’s control register (CCCx) should be set to 1. In compare mode an inter-
rupt flag is set and an output pin is optionally toggled when the value of the time base matches
the value of the channel’s data register. The time base may also be optionally cleared on a com-
pare match.
OSC
T2EX PIN
T2 PIN
TR2
Timer 2
Interrupt
RCAP2H
RCAP2L
TL2
TH2
C/T2
EXF2
Transition
Detector
EXEN2
÷TPS
÷2
T2OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com