Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 69Page - ATMEL Corporation AT89LP428 Datasheet HTML 70Page - ATMEL Corporation AT89LP428 Datasheet HTML 71Page - ATMEL Corporation AT89LP428 Datasheet HTML 72Page - ATMEL Corporation AT89LP428 Datasheet HTML 73Page - ATMEL Corporation AT89LP428 Datasheet HTML 74Page - ATMEL Corporation AT89LP428 Datasheet HTML 75Page - ATMEL Corporation AT89LP428 Datasheet HTML 76Page - ATMEL Corporation AT89LP428 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 149 page
background image
73
3654A–MICRO–8/09
AT89LP428/828
Figure 13-12. Multi-Phasic PWM Output Stage
Figure 13-13. Multi-Phasic PWM Modes
CCA
EN
1
CCB
EN
0
CCC
EN
1
CCD
EN
1
PHS = 001B
CCA
EN
1
CCB
EN
0
CCC
EN
0
CCD
EN
1
PHS = 010B
CCA
EN
1
CCB
EN
0
CCC
EN
0
CCD
EN
0
PHS = 011B
CCA
EN
1
CCB
EN
0
CCC
EN
1
CCD
EN
0
PHS = 100B
CCA
CCB
CCC
CCD
CCA
CCB
CCC
CCD
CCA
CCB
CCC
CCD
PHSD
CCA
CCB
CCC
CCD
PHSD
CCA
CCB
CCC
CCD
PHS = 000B
PHS = 001B
PHS = 010B
PHS = 011B
PHS = 100B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com