Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 52Page - ATMEL Corporation AT89LP428 Datasheet HTML 53Page - ATMEL Corporation AT89LP428 Datasheet HTML 54Page - ATMEL Corporation AT89LP428 Datasheet HTML 55Page - ATMEL Corporation AT89LP428 Datasheet HTML 56Page - ATMEL Corporation AT89LP428 Datasheet HTML 57Page - ATMEL Corporation AT89LP428 Datasheet HTML 58Page - ATMEL Corporation AT89LP428 Datasheet HTML 59Page - ATMEL Corporation AT89LP428 Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 149 page
background image
56
3654A–MICRO–8/09
AT89LP428/828
12.3.1
Up Counter
Figure 12-2 shows Timer 2 automatically counting up when DCEN = 0 and T2CM
1-0 = 00B. In
this mode Timer 2 counts up to MAX and then sets the TF2 bit upon overflow. The overflow also
causes the timer registers to be reloaded with BOTTOM, the 16-bit value in RCAP2H and
RCAP2L. If EXEN2 = 1, a 16-bit reload can be triggered either by an overflow or by a 1-to-0 tran-
sition at external input T2EX. This transition also sets the EXF2 bit. Both the TF2 and EXF2 bits
can generate an interrupt. The Timer 2 overflow rate for this mode is given in the following
equation:
Timer 2 may also be configured to count from MIN to TOP instead of BOTTOM to MAX by set-
ting T2CM
1-0 = 01B. In this mode Timer 2 counts up to TOP, the 16-bit value in RCAP2H and
RCAP2L and then overflows. The overflow sets TF2 and causes the timer registers to be
reloaded with MIN. If EXEN2 = 1, a 1-to-0 transition on T2EX will clear the timer and set EXF2.
The Timer 2 overflow rate for this mode is given in the following equation:
Timer 2 Count Mode 1 is provided to support variable precision asymmetrical PWM in the CCA.
The value of TOP stored in RCAP2H and RCAP2L is double-buffered such that a new TOP
value takes affect only after an overflow. The behavior of Count Mode 0 versus Count Mode 1 is
shown in Figure 12-3.
Figure 12-2. Timer 2 Diagram: Auto-reload Mode (DCEN = 0)
Auto-Reload Mode:
DCEN = 0, T2CM = 00B
Time-out Period
65536
RCAP2H RCAP2L
{,
}
–
Oscillator Frequency
-------------------------------------------------------------------------------
TPS
1
+
()
×
=
Auto-Reload Mode:
DCEN = 0, T2CM = 01B
Time-out Period
RCAP2H RCAP2L
{,
}
1
+
Oscillator Frequency
------------------------------------------------------------------
TPS
1
+
()
×
=
÷TPS
TL2
TH2
Reload
Transition
Detector
Timer 2
Interrupt
Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com