Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 99 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 95Page - ATMEL Corporation AT89LP428 Datasheet HTML 96Page - ATMEL Corporation AT89LP428 Datasheet HTML 97Page - ATMEL Corporation AT89LP428 Datasheet HTML 98Page - ATMEL Corporation AT89LP428 Datasheet HTML 99Page - ATMEL Corporation AT89LP428 Datasheet HTML 100Page - ATMEL Corporation AT89LP428 Datasheet HTML 101Page - ATMEL Corporation AT89LP428 Datasheet HTML 102Page - ATMEL Corporation AT89LP428 Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 149 page
background image
99
3654A–MICRO–8/09
AT89LP428/828
interrupt flag are not guaranteed to be stable for 10 µs. The corresponding comparator interrupt
should not be enabled during that time, and the comparator interrupt flag must be cleared before
the interrupt is enabled in order to prevent an immediate interrupt service. Before enabling the
comparators, the analog inputs should be tristated by putting P2.4, P2.5, P2.6 and P2.7 into
input-only mode. See “Port 2 Analog Functions” on page 38.
Figure 18-1. Dual Comparator Block Diagram
Each comparator may be configured to cause an interrupt under a variety of output value condi-
tions by setting the CMx
2-0 bits in ACSRx. The comparator interrupt flags CFx in ACSRx are set
whenever the comparator outputs match the conditions specified by CMx
2-0. The flags may be
polled by software or may be used to generate an interrupt and must be cleared by software.
Both comparators share a common interrupt vector. If both comparators are enabled, the user
needs to read the flags after entering the interrupt service routine to determine which compara-
tor caused the interrupt.
The CAC
1-0 and CBC1-0 bits in AREF control when the comparator interrupts sample the com-
parator outputs. Normally, the outputs are sampled every clock system; however, the outputs
may also be sampled whenever Timer 0, Timer 1 or Timer 2 overflows. These settings allow the
comparators to be sampled at a specific time or to reduce the number of comparator events
seen by the system when using level sensitive modes. The comparators will continue to function
during Idle mode. If this is not the desired behavior, the comparators should be disabled before
entering Idle. The comparators are always disabled during Power-down mode.
A
B
(P2.5) AIN1
(P2.6) AIN2
(P2.4) AIN0
(P2.7) AIN3
11
10
01
00
11
10
01
00
RFB1
RFB0
RFA1
RFA0
11
10
01
00
11
10
01
00
CSB0
CSB1
CSA0
CSA1
CMPB (P4.7)
CMPA (P4.6)
CMB0
CMB1
CMB2
CMA0
CMA1
CMA2
CFB
CFA
EC
Interrupt
VAREF
VAREF-Δ
VAREF+Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com