Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 97Page - ATMEL Corporation AT89LP428 Datasheet HTML 98Page - ATMEL Corporation AT89LP428 Datasheet HTML 99Page - ATMEL Corporation AT89LP428 Datasheet HTML 100Page - ATMEL Corporation AT89LP428 Datasheet HTML 101Page - ATMEL Corporation AT89LP428 Datasheet HTML 102Page - ATMEL Corporation AT89LP428 Datasheet HTML 103Page - ATMEL Corporation AT89LP428 Datasheet HTML 104Page - ATMEL Corporation AT89LP428 Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 149 page
background image
101
3654A–MICRO–8/09
AT89LP428/828
Figure 18-3. Dual Comparator Configuration Examples
a. dual independent comparators with external references
+
-
A
CMPA
AIN0
AIN1
+
-
B
CMPB
AIN3
AIN2
CSA = 00 RFA = 00
CSB = 11 RFB = 00
b. 3-channel comparator with external reference
+
-
A
CMPA
AIN0
AIN1
CSA = 00/10/11 RFA = 00
AIN2
AIN3
c. 4-channel comparator with internal reference
+
-
A
CMPA
AIN0
VAREF
CSA = 00/01/10/11 RFA = 10
AIN1
AIN2
AIN3
d. 2-channel comparator with internal reference &
comparator with external reference
+
-
A
CMPA
AIN0
VAREF
CSA = 00/01 RFA = 10
AIN1
+
-
B
CMPB
AIN3
AIN2
CSB = 11 RFB = 00
e. 2-channel comparator with external reference &
comparator with internal reference
+
-
A
CMPA
AIN0
VAREF
CSA = 00/10 RFA = 00
AIN1
+
-
B
CMPB
AIN2
AIN3
CSB = 11 RFB = 10
+
-
B
CMPB
+
-
A
CMPA
AIN1
AIN2
AIN0
AIN3
CSA = CSB = 00/11
RFA = RFB = 00
f. 2-channel window
comparator with
external reference
+
-
B
CMPB
+
-
A
CMPA
AIN3
AIN0
AIN1
AIN2
CSA = CSB = 00/01/10/11
RFA = 01 RFB = 11
g. 4-channel window
comparator with
internal reference
VAREF+Δ
VAREF-Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com