Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 66 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 62Page - ATMEL Corporation AT89LP428 Datasheet HTML 63Page - ATMEL Corporation AT89LP428 Datasheet HTML 64Page - ATMEL Corporation AT89LP428 Datasheet HTML 65Page - ATMEL Corporation AT89LP428 Datasheet HTML 66Page - ATMEL Corporation AT89LP428 Datasheet HTML 67Page - ATMEL Corporation AT89LP428 Datasheet HTML 68Page - ATMEL Corporation AT89LP428 Datasheet HTML 69Page - ATMEL Corporation AT89LP428 Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 149 page
background image
66
3654A–MICRO–8/09
AT89LP428/828
Each CCA channel has an associated external capture input pin: CCA (P2.0), CCB (P2.1), CCC
(P2.2) and CCD (P2.3). External capture events are always edge-triggered and can be selected
to occur at a negative edge, positive edge, or both (toggle). Capture inputs are sampled every
clock cycle and a new value must be held for at least 2 clock cycles to be correctly sampled by
the device. The maximum achievable capture rate will be determined by how fast the software
can retrieve the captured data. There is no protection against capture events overrunning the
data register.
Capture events may also be triggered internally by the overflows of Timer 0 or Timer 1, or by an
event from the dual analog comparators. Any comparator event which can generate a compara-
tor interrupt may also be used as a capture event. However, Timer 2 should not be selected as
the comparator clock source when using the comparator as the capture trigger.
13.2.1
Timer 2 Operation for Capture Mode
Capture channels are intended to work with Timer 2 in capture mode CP/RL2 =1. Captures can
still occur when Timer 2 operates in other modes; however, the full 16-bit count range may not
be available. The TF2 flag can be used to determine if the timer overflowed before the capture
occurred. If the timer is operating in dual-slope mode (CP/RL2 =0, T2CM
1-0 =1xB), the count
direction (Up = 0 and Down = 1) at the time of the event will be captured into the channel’s
CDIRx bit in CCCx. CTCx must be cleared to 0 for all channels if Timer 2 is operating in Baud
Rate mode or errors may occur in the serial communication.
13.3
Output Compare Mode
The Compare/Capture Array provides a variety of compare modes suitable for event timing or
waveform generation. The CCA channels are configured for compare mode by setting the CCMx
bit in the associated CCCx register to 1. A compare event occurs when the 16-bit contents of a
channel’s data register match the contents of Timer 2 (TH2 and TL2). The compare event also
sets the channel’s interrupt flag CCFx in T2CCF and may optionally clear Timer 2 to 0000H if the
CTCx bit in CCCx is set. A diagram of a CCA channel in compare mode is shown in Figure 13-3.
Figure 13-3. CCA Compare Mode Diagram
TL2
TH2
CCxL
CCxH
CCCx
Interrupt
CCx (P2.x)
T2CCC
T2CCL
Shadow
00H
00H
CTCx
CCFx
CIENx
CxM2-0
=
T2CCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com