Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 57 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 53Page - ATMEL Corporation AT89LP428 Datasheet HTML 54Page - ATMEL Corporation AT89LP428 Datasheet HTML 55Page - ATMEL Corporation AT89LP428 Datasheet HTML 56Page - ATMEL Corporation AT89LP428 Datasheet HTML 57Page - ATMEL Corporation AT89LP428 Datasheet HTML 58Page - ATMEL Corporation AT89LP428 Datasheet HTML 59Page - ATMEL Corporation AT89LP428 Datasheet HTML 60Page - ATMEL Corporation AT89LP428 Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 149 page
background image
57
3654A–MICRO–8/09
AT89LP428/828
Figure 12-3. Timer 2 Waveform: Auto-reload Mode (DCEN = 0)
12.3.2
Up or Down Counter
Setting DCEN = 1 enables Timer 2 to count up or down, as shown in Figure 12-4. In this mode,
the T2EX pin controls the direction of the count (if EXEN2 = 1). A logic 1 at T2EX makes Timer 2
count up. When T2CM
1-0 = 00B, the timer will overflow at MAX and set the TF2 bit. This overflow
also causes BOTTOM, the 16-bit value in RCAP2H and RCAP2L, to be reloaded into the timer
registers, TH2 and TL2, respectively. A logic 0 at T2EX makes Timer 2 count down. The timer
underflows when TH2 and TL2 equal BOTTOM, the 16-bit value stored in RCAP2H and
RCAP2L. The underflow sets the TF2 bit and causes MAX to be reloaded into the timer regis-
ters. The EXF2 bit toggles whenever Timer 2 overflows or underflows and can be used as a 17th
bit of resolution. In this operating mode, EXF2 does not flag an interrupt.
When T2EX = 1 and T2CM
1-0 = 01B, the timer will overflow at TOP and set the TF2 bit. This
overflow also causes MIN to be reloaded into the timer registers. A logic 0 at T2EX makes Timer
2 count down. The timer underflows when TH2 and TL2 equal MIN. The underflow sets the TF2
bit and causes TOP to be reloaded into the timer registers. The behavior of Count Mode 0 ver-
sus Count Mode 0 when DCEN is enabled is shown in Figure 12-5. EXF2 is not toggle in this
mode.
Figure 12-4. Timer 2 Diagram: Auto-reload Mode (T2CM
1-0 = 00B, DCEN = 1)
Max
Min
Bottom
T2CM1-0 = 00B, DCEN = 0
Max
Min
Top
T2CM1-0 = 01B, DCEN = 0
TF2 Set
TF2 Set
÷TPS
(Up Counting Reload Value)
(Down Counting Reload Value)
Overflow
Toggle
Timer 2
Interrupt
Count
Direction
1 = Up
0 = Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com