Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 15Page - ATMEL Corporation AT89LP428 Datasheet HTML 16Page - ATMEL Corporation AT89LP428 Datasheet HTML 17Page - ATMEL Corporation AT89LP428 Datasheet HTML 18Page - ATMEL Corporation AT89LP428 Datasheet HTML 19Page - ATMEL Corporation AT89LP428 Datasheet HTML 20Page - ATMEL Corporation AT89LP428 Datasheet HTML 21Page - ATMEL Corporation AT89LP428 Datasheet HTML 22Page - ATMEL Corporation AT89LP428 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 149 page
background image
19
3654A–MICRO–8/09
AT89LP428/828
Table 5-3.
DPTR Auto-update
DPD1
DPD0
Operation for MOVX and MOVC (DPU1 = 1 & DPU0 = 1)
DPS = 0
DPS = 1
DPTR
/DPTR
DPTR
/DPTR
0
0
DPTR0++
DPTR1++
DPTR1++
DPTR0++
0
1
DPTR0--
DPTR1++
DPTR1++
DPTR0--
1
0
DPTR0++
DPTR1--
DPTR1--
DPTR0++
1
1
DPTR0--
DPTR1--
DPTR1--
DPTR0--
Table 5-4.
DPCF
– Data Pointer Configuration Register
DPCF = A2H
Reset Value = 0000 00X0B
Not Bit Addressable
DPU1
DPU0
DPD1
DPD0
SIGEN
0
–
DPS
Bit
765
4321
0
Symbol
Function
DPU1
Data Pointer 1 Update. When set, MOVX @DPTR and MOVC @DPTR instructions that use
DPTR1 will also update DPTR1 based on DPD1. If DPD1 = 0, the operation is post-
increment and if DPD1 = 1 the operation is post-decrement. When DPU1 = 0, DPTR1 is
not updated.
DPU0
Data Pointer 0 Update. When set, MOVX @DPTR and MOVC @DPTR instructions that use
DPTR0 will also update DPTR0 based on DPD0. If DPD0 = 0, the operation is post-
increment and if DPD0 = 1, the operation is post-decrement. When DPU0 = 0, DPTR0 is
not updated.
DPD1
Data Pointer 1 Decrement. When set, INC DPTR instructions targeted to DPTR1 will
decrement DPTR1. When cleared, INC DPTR instructions will increment DPTR1.
DPD0
Data Pointer 0 Decrement. When set, INC DPTR instructions targeted to DPTR0 will
decrement DPTR0. When cleared, INC DPTR instructions will increment DPTR0.
SIGEN
Signature Enable. When SIGEN = 1, all MOVC @DPTR instructions and all IAP accesses
will target the signature array memory. When SIGEN = 0, all MOVC and IAP accesses target
CODE memory.
DPS
Data Pointer Select. DPS selects the active data pointer for instructions that reference
DPTR. When DPS = 0, DPTR will target DPTR0 and /DPTR will target DPTR1. When
DPS = 1, DPTR will target DPTR1 and /DPTR will target DPTR0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com