Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 58 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 54Page - ATMEL Corporation AT89LP428 Datasheet HTML 55Page - ATMEL Corporation AT89LP428 Datasheet HTML 56Page - ATMEL Corporation AT89LP428 Datasheet HTML 57Page - ATMEL Corporation AT89LP428 Datasheet HTML 58Page - ATMEL Corporation AT89LP428 Datasheet HTML 59Page - ATMEL Corporation AT89LP428 Datasheet HTML 60Page - ATMEL Corporation AT89LP428 Datasheet HTML 61Page - ATMEL Corporation AT89LP428 Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 149 page
background image
58
3654A–MICRO–8/09
AT89LP428/828
The timer overflow/underflow rate for up-down counting mode is the same as for up counting
mode, provided that the count direction does not change. Changes to the count direction may
result in longer or shorter periods between time-outs.
Figure 12-5. Timer 2 Waveform: Auto-reload Mode (DCEN = 1)
12.3.3
Dual Slope Counter
When Timer 2 Auto-reload mode uses Count Mode 2 (T2CM
1-0 = 10B) or Count Mode 3
(T2CM
1-0 = 11B), the timer operates in a dual slope fashion. The timer counts up from
MIN to TOP and then counts down from TOP to MIN, following a sawtooth waveform as shown
in Figure 12-6. The EXF2 bit is set/cleared by hardware to reflect the current count direction
(Up = 0 and Down = 1). The value of TOP stored in RCAP2H and RCAP2L is double-buffered
such that a new TOP value takes affect only after an underflow. The only difference between
Mode 2 and Mode 3 is when the interrupt flag is set. In Mode 2, TF2 is set once per count period
when the timer underflows at MIN. In Mode 3, TF2 is set twice per count period, once when the
timer overflows at TOP and once when the timer underflows at MIN. The interrupt service routine
can check the EXF2 bit to determine if TF2 was set at TOP or MIN. These count modes are pro-
vided to support variable precision symmetrical PWM in the CCA. DCEN has no effect when
using dual slope operation. The Timer 2 overflow rate for this mode is given in the following
equation:
Max
Min
Bottom
T2CM1-0 = 00B, DCEN = 1
Max
Min
Top
T2CM1-0 = 01B, DCEN = 1
T2EX
TF2 Set
TF2 Set
EXF2
Auto-Reload Mode:
DCEN = 0, T2CM = 10B
Time-out Period
RCAP2H RCAP2L
{,
}
2
×
Oscillator Frequency
-------------------------------------------------------------------
TPS
1
+
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com