Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT89LP428 Datasheet HTML 1Page - ATMEL Corporation AT89LP428 Datasheet HTML 2Page - ATMEL Corporation AT89LP428 Datasheet HTML 3Page - ATMEL Corporation AT89LP428 Datasheet HTML 4Page - ATMEL Corporation AT89LP428 Datasheet HTML 5Page - ATMEL Corporation AT89LP428 Datasheet HTML 6Page - ATMEL Corporation AT89LP428 Datasheet HTML 7Page - ATMEL Corporation AT89LP428 Datasheet HTML 8Page - ATMEL Corporation AT89LP428 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 149 page
background image
5
3654A–MICRO–8/09
AT89LP428/828
2.
Overview
The AT89LP428/828 is a low-power, high-performance CMOS 8-bit microcontroller with 4K/8K
bytes of In-System Programmable Flash program memory and 512/1024 bytes of Flash data
memory. The device is manufactured using Atmel
®'s high-density nonvolatile memory technol-
ogy and is compatible with the industry-standard MCS51 instruction set. The AT89LP428/828 is
built around an enhanced CPU core that can fetch a single byte from memory every clock cycle.
In the classic 8051 architecture, each fetch requires 6 clock cycles, forcing instructions to exe-
cute in 12, 24 or 48 clock cycles. In the AT89LP428/828 CPU, instructions need only 1 to 4 clock
cycles providing 6 to 12 times more throughput than the standard 8051. Seventy percent of
instructions need only as many clock cycles as they have bytes to execute, and most of the
remaining instructions require only one additional clock. The enhanced CPU core is capable of
20 MIPS throughput whereas the classic 8051 CPU can deliver only 4 MIPS at the same current
consumption. Conversely, at the same throughput as the classic 8051, the new CPU core runs
at a much lower speed and thereby greatly reducing power consumption and EMI.
The AT89LP428/828 provides the following standard features: 4K/8K bytes of In-System
Programmable Flash program memory, 512/1024 bytes of Flash data memory, 768 bytes of
RAM, up to 30 I/O lines, three 16-bit timer/counters, up to six PWM outputs, a programmable
watchdog timer, two analog comparators, a full-duplex serial port, a serial peripheral interface,
an internal RC oscillator, on-chip crystal oscillator, and a four-level, ten-vector interrupt system.
A block diagram is shown in Figure 2-1 on page 6.
Timer 0 and Timer 1 in the AT89LP428/828 are enhanced with two new modes. Mode 0 can be
configured as a variable 9- to 16-bit timer/counter and Mode 1 can be configured as a 16-bit
auto-reload timer/counter. In addition, the timer/counters may independently drive an 8-bit preci-
sion pulse width modulation output.
Time r 2 on the AT8 9LP42 8/828 s erve s as a 16- b it tim e ba s e for a 4- ch a nn el
Compare/Capture Array with up to four multi-phasic, variable precision PWM outputs.
The enhanced UART of the AT89LP428/828 includes Framing Error Detection and Automatic
Address Recognition. In addition, enhancements to Mode 0 allow hardware accelerated emula-
tion of half-duplex SPI or 2-wire interfaces.
The I/O ports of the AT89LP428/828 can be independently configured in one of four operating
modes. In quasi-bidirectional mode, the ports operate as in the classic 8051. In input-only mode,
the ports are tristated. Push-pull output mode provides full CMOS drivers and open-drain mode
provides just a pull-down. In addition, all 8 pins of Port 1 can be configured to generate an inter-
rupt using the General-purpose Interrupt (GPI) interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com